Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR250 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # STAR250
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button STAR250 Datasheet HTML 10Page - Cypress Semiconductor STAR250 Datasheet HTML 11Page - Cypress Semiconductor STAR250 Datasheet HTML 12Page - Cypress Semiconductor STAR250 Datasheet HTML 13Page - Cypress Semiconductor STAR250 Datasheet HTML 14Page - Cypress Semiconductor STAR250 Datasheet HTML 15Page - Cypress Semiconductor STAR250 Datasheet HTML 16Page - Cypress Semiconductor STAR250 Datasheet HTML 17Page - Cypress Semiconductor STAR250 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 14 of 24
Figure 11. Timing for Loading the X- and Y- Register
Other Signals
Tie SELECT signal to VDD for normal operation. This signal
was added for diagnostic reasons and inhibits the pixel array
operation when held low.
The CAL signal sets the output amplifier DC offset level. When
this signal is active (high) the pixel array is internally
disconnected from the output amplifier, its gain is set to unity
and its input signal is connected to the BLACK_REF input.
Perform this action at least once for each frame.
EOS_X, EOS_YL and EOS_YR produce a pulse when the
respective shift register comes at its end. These outputs are
used mainly during testing to verify proper operation of the shift
registers.
TEST DIODE and TESTPIXEL ARRAY are connections to
optical test structures that are used for electro optical
evaluation. TESTDIODE is a plain photodiode with an area of
14x5 pixels. TESTPIXEL_ARRAY is an array (14x5) of pixels
where the photodiodes are connected in parallel. These
structures measure the photocurrent of the diodes directly.
TESTPIXEL_RESET and TESTPIXEL-OUT are connections
to a single pixel that are used for testing.
Row Blanking Time
Time Available for Read Out of Row Y
Column Start
Address
LD_X
T15
T17
T16
T19
T18
T20
T21
T22
Pixel 1
Pixel 2
Pixel 3
T23
Pixel 1
Pixel 2
ADC Out
CLK ADC
Analog
Output
CLK_X
SYNC_X
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com