Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR250 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # STAR250
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button STAR250 Datasheet HTML 12Page - Cypress Semiconductor STAR250 Datasheet HTML 13Page - Cypress Semiconductor STAR250 Datasheet HTML 14Page - Cypress Semiconductor STAR250 Datasheet HTML 15Page - Cypress Semiconductor STAR250 Datasheet HTML 16Page - Cypress Semiconductor STAR250 Datasheet HTML 17Page - Cypress Semiconductor STAR250 Datasheet HTML 18Page - Cypress Semiconductor STAR250 Datasheet HTML 19Page - Cypress Semiconductor STAR250 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 16 of 24
3
RESET
Resets row indicated by left/right shift register.
high active (1= reset row).
Apply pulse pattern - see sensor timing diagram.
4
SELECT
Selects row indicated by left/right shift register.
high active (1=select row).
Apply 5 V DC for normal operation.
5
L/R
Use left or right shift register for SELECT and RESET.
1 = left / 0 = right - see sensor timing diagram.
6
A0
Start address for X- and Y- pointers (LSB).
7
A1
Start address for X- and Y- pointers.
8
A2
Start address for X- and Y- pointers.
13
A3
Start address for X- and Y- pointers.
14
A4
Start address for X- and Y- pointers.
15
A5
Start address for X- and Y- pointers.
16
A6
Start address for X- and Y- pointers.
17
A7
Start address for X- and Y- pointers.
18
A8
Start address for X- and Y- pointers (MSB).
19
LD_Y
Latch address (A0…A8) to Y start register (0 = track, 1 = hold).
20
LD_X
Latch address (A0…A8) to X start register(0 = track, 1 = hold).
21
CLK_YL
Clock YL shift register (shifts on falling edge).
22
SYNC_YL
Sets YL shift register to location preloaded in Y start register.
Low active (0=sync).
Apply SYNC_YL when CLK_YL is high.
24
CLK_X
Clock X shift register (output valid & s when CLK_X is low).
25
SYNC_X
Sets X shift register to location preloaded in X start register.
Low active (0=sync).
Apply SYNC_X when CLK_X is high.
After SYNC_X, apply falling edge on CLK_X, and rising edge on CLK_X.
27
CLK_YR
Clock YR shift register (shifts on falling edge).
28
SYNC_YR
Sets YR shift register to location preloaded in Y start register.
Low active (0=sync).
Apply SYNC_YR when CLK_YR is high.
36
CAL
Initialize output amplifier.
Output amplifier will output BLACKREF in unity gain mode when CAL is high (1).
Apply pulse pattern (one pulse per frame) - see sensor timing diagram.
37
G0
Select output amplifier gain value: G0 = LSB; G1 = MSB.
00 = unity gain; 01 = x2; 10= x4; 11=x8.
38
G1
idem.
71
CLK_ADC
ADC clock.
ADC converts on falling edge.
75
BITINVERT
1 = invert output bits.
0 = no inversion of output bits.
Table 10. Digital Input Signals (continued)
Pin
Pin Name
Pin Description
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com