Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8022 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 29Page - Microchip Technology MCP8022 Datasheet HTML 30Page - Microchip Technology MCP8022 Datasheet HTML 31Page - Microchip Technology MCP8022 Datasheet HTML 32Page - Microchip Technology MCP8022 Datasheet HTML 33Page - Microchip Technology MCP8022 Datasheet HTML 34Page - Microchip Technology MCP8022 Datasheet HTML 35Page - Microchip Technology MCP8022 Datasheet HTML 36Page - Microchip Technology MCP8022 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 33
MCP8021/2
TABLE 4-6:
DE2 COMMUNICATION COMMANDS FROM HOST TO MCP8021/2
Command
Byte
Bit
Value
Description
SET_CFG_0
1
10000001 (81h)
Set Configuration Register 0
27
0
Reserved
6
0
Reserved (MCP8021)
0
Enable operational amplifiers in Standby mode (default) (MCP8022)
1
Disable operational amplifiers in Standby mode (MCP8022)
5
0
System enters Standby mode when OE = 0, SLEEP = 0 for more
than 1 ms
1
System enters Sleep mode when OE = 0, SLEEP = 1 for more than
1 ms
4
0
Reserved
3
0
Enable external MOSFET undervoltage lockout (default)
1
Disable external MOSFET undervoltage lockout
2
0
Enable external MOSFET short-circuit detection (default)
1
Disable external MOSFET short-circuit detection
1:0
00
Set external MOSFET overcurrent limit to 0.250V (default)
01
Set external MOSFET overcurrent limit to 0.500V
10
Set external MOSFET overcurrent limit to 0.750V
11
Set external MOSFET overcurrent limit to 1.000V
GET_CFG_0
1
10000010 (82h)
Get Configuration Register 0
STATUS_0
1
10000101 (85h)
Get Status Register 0
STATUS_1
1
10000110 (86h)
Get Status Register 1
SET_CFG_2
1
10000111 (87h)
Set Configuration Register 2
2
7:5
00h
Reserved
4:2
—
Driver dead time (for PWMH /PWML inputs)
000
2000 ns (default)
001
1750 ns
010
1500 ns
011
1250 ns
100
1000 ns
101
750 ns
110
500 ns
111
250 ns
1:0
—
Driver blanking time (ignore switching current spikes)
00
4 µs (default)
01
2µs
10
1µs
11
500 ns
GET_CFG_2
1
10001000 (88h)
Get Configuration Register 2
GET_REV_ID 1
10010000 (90h)
Get device hardware revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com