Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8022 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 9Page - Microchip Technology MCP8022 Datasheet HTML 10Page - Microchip Technology MCP8022 Datasheet HTML 11Page - Microchip Technology MCP8022 Datasheet HTML 12Page - Microchip Technology MCP8022 Datasheet HTML 13Page - Microchip Technology MCP8022 Datasheet HTML 14Page - Microchip Technology MCP8022 Datasheet HTML 15Page - Microchip Technology MCP8022 Datasheet HTML 16Page - Microchip Technology MCP8022 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 13
MCP8021/2
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated: TA = +25°C; Junction Temperature (TJ) is approximated by soaking the device under
test to an ambient temperature equal to the desired junction temperature. The test time is small enough such that the
rise in junction temperature over the ambient temperature is not significant.
FIGURE 2-1: Fault Low to DE2 Message Delay.
FIGURE 2-2: Bootstrap Voltage @ 92% Duty
Cycle.
FIGURE 2-3: Sleep Current vs. Temperature
(MCP8022).
FIGURE 2-4: Driver RDSON vs. Temperature.
FIGURE 2-5:
Auto-Baud vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
5µs/div
1V/div
10 V/div
10 V/div
10 V/div
10 V/div
10 µs/div
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
‐40
‐10
20
50
80
110
140
Temperature (°C)
6
8
10
12
14
16
18
20
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
Switch ON
Switch OFF
9000
9100
9200
9300
9400
9500
9600
9700
9800
9900
‐40
‐20
0
20
40
60
80
100
120
140
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com