Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8022 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 3Page - Microchip Technology MCP8022 Datasheet HTML 4Page - Microchip Technology MCP8022 Datasheet HTML 5Page - Microchip Technology MCP8022 Datasheet HTML 6Page - Microchip Technology MCP8022 Datasheet HTML 7Page - Microchip Technology MCP8022 Datasheet HTML 8Page - Microchip Technology MCP8022 Datasheet HTML 9Page - Microchip Technology MCP8022 Datasheet HTML 10Page - Microchip Technology MCP8022 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 7
MCP8021/2
BIAS GENERATOR
+12V Regulated Charge Pump (VBOOT)
Charge Pump Current
ICP
20
—
—
mA
VDD =9.0V
Charge Pump Start
CPSTART
12.50
12.75
—
V
Falling
Charge Pump Stop
CPSTOP
—
13.25
14
V
Rising
Charge Pump Frequency
CPFSW
—
76.80
—
kHz
VDD =9.0V
—0
—
VDD = 14V
Charge Pump Switch
Resistance
CPRDSON
—14
—
RDSON sum of high-side and
low-side (Note 1)
Output Voltage
VBOOT
—12
—
V
VDD  14V, IOUT =30 mA
912
—
7V
 VDD  14V, CCP = 150 nF,
IOUT =20 mA
9
—
—
6.25V
 VDD  7V,
CCP = 270 nF, IOUT =15 mA
Output Voltage Tolerance
|TOLVOUT12|—
—
4.0
%
IOUT =30 mA
Output Capability
IBOOT
30
—
—
mA
Average current
Output Current Limit
IBOOTLIMIT
50
60
80
mA
Average current
Output Voltage Temperature
Coefficient
TCVOUT12
—
160
—
ppm/°C Note 1
Line Regulation
|
VOUT/
(VOUT x )|
—
0.1
0.5
%/V
14V < VDD < 19V,
IOUT =30 mA
Load Regulation
|
VOUT/VOUT|—
0.2
1.0
%
IOUT = 0.1 mA to 30 mA,
VDD = 14V
Power Supply Rejection Ratio
PSRR
—
60
—
dB
f = 1 kHz, IOUT =10 mA (Note 1)
Output Capacitor Capacitance
Range
CVBOOT
4.7
—
10
µF
Ceramic, Tantalum, Electrolytic
(Note 1)
Output Capacitor ESR Range
CESRVBOOT
0.010
—
1.0
Note 1
Flying Capacitor Capacitance
Range
CCP
100
220
1000
nF
Note 1
VBOOT Ready Threshold
V12SM_PG
—50
—
%VBOOT State machine VBOOT Power
Good threshold to move to next
state (Note 1)
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted: TJ = -40°C to +150°C; typical values are for +25°C, VDD = 13.5V,
CVBOOT = 4.7 µF, CVREG =4.7 µF, CCP = 220 nF.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Limits based on design, simulation or characterization. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com