Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8022 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 4Page - Microchip Technology MCP8022 Datasheet HTML 5Page - Microchip Technology MCP8022 Datasheet HTML 6Page - Microchip Technology MCP8022 Datasheet HTML 7Page - Microchip Technology MCP8022 Datasheet HTML 8Page - Microchip Technology MCP8022 Datasheet HTML 9Page - Microchip Technology MCP8022 Datasheet HTML 10Page - Microchip Technology MCP8022 Datasheet HTML 11Page - Microchip Technology MCP8022 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
MCP8021/2
DS20006265D-page 8
 2020-2024 Microchip Technology Inc. and its subsidiaries
+3.3V/+5V Linear Regulator (VREG)
Output Voltage
VREG
——
—V
VDD =6V, IOUT =70 mA
4.8
5
5.2
VREG =5V
3.168
3.3
3.432
VREG =3.3V
Output Voltage Tolerance
|TOLVREG|—
—
4.0
%
Output Current
IOUT
70
—
—
mA
Average current
Output Foldback Current Corner
IFOLD
80
95
120
mA
Average current
Output Foldback Current Limit
IFOLD_LIM
—10
—
mA
RLOAD =10 m
Line Regulation
|
VOUT/
(VOUT x VDD)|
—0.1
0.5
%/V
VREG = 3.3V: 6V < VDD < 19V,
IOUT = 70 mA;
VREG =5V: 7.5V < VDD < 19V,
IOUT = 70 mA
Load Regulation
|
VOUT/VOUT|—
0.2
1.0
%
IOUT = 0.1 mA to 70 mA
Power Supply Rejection Ratio
PSRR
—
60
—
dB
f = 1 kHz, IOUT =10mA
(Note 1)
Output Capacitor Capacitance
Range
CVREG
4.7
—
30
µF
Ceramic, Tantalum, Electrolytic
(Note 1)
Output Capacitor ESR Range
CESRVREG
0.010
—
1.0
Note 1
Voltage Supervisor
VREG Undervoltage Fault
Inactive
VREGUVFINACT
—92
—
%VREG VREG rising
VREG Undervoltage Fault Active VREGUVFACT
—88
—
%VREG VREG falling
VREG Undervoltage Fault
Hysteresis
VREGUVFHYS
—4
—
%VREG
VDD Undervoltage Lockout
Inactive
UVLOINACT
—
6.0
6.25
V
Rising
VDD Undervoltage Lockout Active
UVLOACT
5.1
5.5
—
V
Falling
VDD Undervoltage Lockout
Hysteresis
UVLOHYS
—0.5
—
V
VDD Undervoltage Shutdown
Active
UVSHDNACT
4.0
4.25
4.5
V
VDD < UVSHDNACT
VDD Undervoltage Shutdown
Inactive
UVSHDNINACT
UVLOINACT
VVDD >UVLOINACT
VDD Overvoltage Lockout Active
OVLOACT
—
32.0
33.0
V
VDD rising
VDD Overvoltage Lockout
Inactive
OVLOINACT
29.0
30.0
—
V
VDD falling
VDD Overvoltage Lockout
Hysteresis
OVLOHYS
—2.0
—
V
Temperature Supervisor
Thermal Warning Temperature
TWARN
—
140
—
°C
Rising temperature
Thermal Warning Hysteresis
TWARN
—
15
—
°C
Falling temperature
Thermal Shutdown
Temperature
TSD
170
210
—
°C
Rising temperature (Note 1)
Thermal Shutdown Hysteresis
TSD
—
25
—
°C
Falling temperature
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted: TJ = -40°C to +150°C; typical values are for +25°C, VDD = 13.5V,
CVBOOT = 4.7 µF, CVREG =4.7 µF, CCP = 220 nF.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Limits based on design, simulation or characterization. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com