Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8022 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 36Page - Microchip Technology MCP8022 Datasheet HTML 37Page - Microchip Technology MCP8022 Datasheet HTML 38Page - Microchip Technology MCP8022 Datasheet HTML 39Page - Microchip Technology MCP8022 Datasheet HTML 40Page - Microchip Technology MCP8022 Datasheet HTML 41Page - Microchip Technology MCP8022 Datasheet HTML 42Page - Microchip Technology MCP8022 Datasheet HTML 43Page - Microchip Technology MCP8022 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
MCP8021/2
DS20006265D-page 40
 2020-2024 Microchip Technology Inc. and its subsidiaries
REGISTER 4-4:
STAT1: STATUS REGISTER 1
U-0
U-0
U-0
U-0
R-0
R-0
U-0
R-0
—
—
—
—
XOCPF
XUVLOF
—VREGUVF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3
XOCPF: External MOSFET Overcurrent Protection Fault
Only Valid when EXTSC (CFG0[2]) = 0.
1 = External MOSFET VDS > EXTOC[1:0] (CFG0[1:0]) value
0 = External MOSFET VDS < EXTOC[1:0] (CFG0[1:0]) value
bit 2
XUVLOF: External MOSFET Gate Drive Undervoltage Fault
Only Valid when EXTUVLO (CFG0[3]) = 0.
1 = HSx output voltage < VDUVLO
0 = HSx output voltage > VDUVLO
bit 1
Unimplemented: Read as ‘0’
bit 0
VREGUVF: VREG LDO Undervoltage Fault
1 = VREG LDO output voltage < 88% of target VREG
0 = VREG LDO output voltage > 92% of target VREG
REGISTER 4-5:
REV_ID: HARDWARE REVISION ID
U-0
U-0
U-0
U-0
R-0/1
R-0/1
R-0/1
R-0/1
—
—
—
—
REVID3
REVID2
REVID1
REVID0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
REVID[3:0]: Device Revision
0111 = Device Revision D1
1000 = Device Revision D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com