Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8022 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 35Page - Microchip Technology MCP8022 Datasheet HTML 36Page - Microchip Technology MCP8022 Datasheet HTML 37Page - Microchip Technology MCP8022 Datasheet HTML 38Page - Microchip Technology MCP8022 Datasheet HTML 39Page - Microchip Technology MCP8022 Datasheet HTML 40Page - Microchip Technology MCP8022 Datasheet HTML 41Page - Microchip Technology MCP8022 Datasheet HTML 42Page - Microchip Technology MCP8022 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 39
MCP8021/2
REGISTER 4-3:
STAT0: STATUS REGISTER 0
R-0
R-0
R-1
R-0
R-0
R-0
R-0
R-0
PCON2
PCON1
PCON0
OVLOF
UVLOF
OTPF
OTPW
FAULT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
PCON[2:0]: Power Control Status (configuration lost if non-zero value)
101 = Overtemperature Shutdown (OTSHDN) occurred
011 = Sleep (SLEEP) shutdown occurred
010 = Undervoltage Shutdown (UVSHDN) occurred
001 = Power-on Reset (POR) occurred
000 = Normal operation
bit 4
OVLOF: Input Overvoltage Lockout Fault
1 = VDD input voltage > 32V
0 = VDD input voltage < 32V
bit 3
UVLOF: Input Undervoltage Fault
1 = VDD input voltage < 5.5V
0 = VDD input voltage > 5.5V
bit 2
OTPF: Overtemperature Protection Fault
1 = Device junction temperature is > TSD
0 = Device junction temperature is < TSD
bit 1
OTPW: Overtemperature Protection Warning
1 = Device junction temperature is > TWARN
0 = Device junction temperature is < TWARN
bit 0
FAULT: Fault Status
1 = At least one Fault is active
0 = No active Faults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com