Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8022 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 37Page - Microchip Technology MCP8022 Datasheet HTML 38Page - Microchip Technology MCP8022 Datasheet HTML 39Page - Microchip Technology MCP8022 Datasheet HTML 40Page - Microchip Technology MCP8022 Datasheet HTML 41Page - Microchip Technology MCP8022 Datasheet HTML 42Page - Microchip Technology MCP8022 Datasheet HTML 43Page - Microchip Technology MCP8022 Datasheet HTML 44Page - Microchip Technology MCP8022 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 41
MCP8021/2
5.0
APPLICATION INFORMATION
5.1
Component Calculations
5.1.1
CHARGE PUMP CAPACITORS
FIGURE 5-1: Charge Pump.
Let:
•IOUT = 20 mA
•fCP = 75 kHz (charge/discharge in one cycle)
• 50% duty cycle
•VDDH = 5.5V (worst case)
•RDSON = 7.5 (RPMOS), 3.5 (RNMOS)
• V12P = 2
 VDDH (ideal)
•CESR = 20 m (ceramic capacitors)
•VDROP = 100 mV (VOUT ripple)
•TCHG= TDCHG = 0.5  1/75 kHz = 6.67 µs
5.1.1.1
Flying Capacitor
The flying capacitor should be chosen to charge to a
minimum of 95% (3
) of VDDH within one half of a
switching cycle.
•3
 = TCHG
•
 = TCHG/3
• RC = TCHG/3
•C = TCHG/(R  3)
• C = 6.67 µs/([9
 + 5 + 0.02]  3)
• C = 158 nF
Choose a 180 nF capacitor.
5.1.1.2
Charge Pump Output Capacitor
Solve for the charge pump output capacitance,
connected between V12P and ground, that will supply
the 20 mA load for one switch cycle. The VBOOT pin on
the MCP8021/2 is the “V12P” pin referenced in the
calculations.
•C = IOUT  dt/dV
•C = IOUT  13.3 µs/(VDROP + IOUT  CESR)
•C = 20 mA
 13.3 µs/(0.1V + 20 mA  20 m)
•C
 2.65 µF
For stability reasons, the VBOOT LDO and VREG LDO
capacitors must be at least 4.7 µF, so choose: C
 4.7 µF.
5.1.1.3
Charging Path (Flying Capacitor
Across CAP1 and CAP2)
•VCAP = VDDH (1 – e-T/)
•VCAP = 5.5V (1 – e-[6.67 µs/([7.5 + 3.5 + 20 m] x 180 nF)])
VCAP = 5.31V available for transfer on the first cycle.
5.1.1.4
Transfer Path (Flying and Output
Capacitors)
• V12P = VDDH + VCAP – IOUT  dt/C
• V12P = 5.5V + 5.31V – (20 mA
 6.67 µs/180 nF)
• V12P = 10.066V
5.1.1.5
Calculate the Flying Capacitor
Voltage Drop in One Cycle While
Supplying 20 mA
•dV = IOUT  dt/C
•dV = 20 mA
 6.67 µs/180 nF
• dV = 0.741V @ 20 mA
The second and subsequent transfer cycles will have
a higher voltage available for transfer, since the
capacitor is not completely depleted with each cycle.
VCAP will then be VCAP – dV after the first transfer,
plus VDDH – (VCAP – dV) times the RC constant. This
repeats for each subsequent cycle, allowing a larger
charge pump capacitor to be used if the system will
tolerate several charge transfers before requiring full
output voltage and current.
Repeating Section 5.1.1.3 “Charging Path (Flying
Capacitor Across CAP1 and CAP2)” for the second
cycle (and subsequent by recalculating for each new
value of VCAP after each transfer):
•VCAP = (VCAP – dV) + (VDDH – (VCAP – dV)) (1 – e-T/t)
• VCAP = (5.31V – 0.741V) + (5.5V – (5.31V – 0.741V)) 
(1 – e-[6.67 µs/([7.5W + 3.5W + 20 mW]  180 nF)])
•VCAP = 4.567V + 0.934V  0.96535
VCAP = 5.468V available for transfer on second cycle.
5.1.1.6
Charge Pump Results
The maximum charge pump flying capacitor value is
202 nF to maintain a 95% voltage transfer ratio on the
first charge pump cycle. Larger capacitor values may
be used, but they will require more cycles to charge to
maximum voltage. The minimum required output
capacitor value is 2.65 µF to supply 20 mA for 13.3 µs
with a 100 mV drop. A larger output capacitor may be
used to cover losses due to capacitor tolerance over
temperature, capacitor dielectric and PCB losses.
These are approximate calculations. The actual
voltages may vary due to incomplete charging or dis-
charging of capacitors per cycle due to load changes.
The charge pump calculations assume the charge
pump is able to charge up the external boot cap within
a few cycles.
Transfer
Charge
VDDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com