Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER53SP-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER53SP-E Datasheet HTML 2Page - STMicroelectronics VIPER53SP-E Datasheet HTML 3Page - STMicroelectronics VIPER53SP-E Datasheet HTML 4Page - STMicroelectronics VIPER53SP-E Datasheet HTML 5Page - STMicroelectronics VIPER53SP-E Datasheet HTML 6Page - STMicroelectronics VIPER53SP-E Datasheet HTML 7Page - STMicroelectronics VIPER53SP-E Datasheet HTML 8Page - STMicroelectronics VIPER53SP-E Datasheet HTML 9Page - STMicroelectronics VIPER53SP-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Electrical characteristics
VIPer53 - E
6/36
Table 9.
Over temperature Protection Section
Table 7.
PWM comparator section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
HCOMP
∆VCOMP / ∆IDPEAK
VCOMP = 1 ... 4 V Figure 10.
dID/dt = 0
1.7
2
2.3
V/A
VCOMPos VCOMP Offset
dID/dt = 0 Figure 10. on page 11
0.5
V
IDlim
Peak drain current
limitation
ICOMP = 0mA; VTOVL = 0V
Figure 10.
dID/dt = 0
1.7
2
2.3
A
IDmax
Drain current
capability
VCOMP = VCOMPovl; VTOVL = 0V
dID/dt = 0
1.6
1.9
2.3
A
td
Current sense delay to
Turn-Off
ID = 1A
250
ns
VCOMPbl
VCOMP blanking time
change threshold
Figure 6 on page 10
1V
tb1
Blanking time
VCOMP < VCOMPBLFigure 6.
300
400
500
ns
tb2
Blanking time
VCOMP > VCOMPBLFigure 6.
100
150
200
ns
tONmin1
Minimum On time
VCOMP < VCOMPBL
450
600
750
ns
tONmin2
Minimum On time
VCOMP > VCOMPBL
250
350
450
ns
VCOMPoff
VCOMP Shutdown
Threshold
Figure 9 on page 11
0.5
V
Table 8.
Overload protection section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCOMPovl
VCOMP overload
threshold
ITOVL = 0mA
(1)
Figure 4 on page 9
1.
VCOMPovl is always lower than VCOMPhi
4.35
V
VDIFFovl
VCOMPhi to VCOMPovl
voltage difference
VDD = VDDoff ... VDDreg;
ITOVL= 0mA
Figure 4. (1)
50
150
250
mV
VOVLth
VTOVL overload
threshold
Figure 4.
4V
tOVL
Overload delay
COVL = 100nF Figure 4.
8ms
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TSD
Thermal shutdown
temperature
Figure 7 on page 10
140
160
°C
THYST
Thermal shutdown
hysteresis
Figure 7 on page 10
40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com