Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP-E Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER53SP-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER53SP-E Datasheet HTML 14Page - STMicroelectronics VIPER53SP-E Datasheet HTML 15Page - STMicroelectronics VIPER53SP-E Datasheet HTML 16Page - STMicroelectronics VIPER53SP-E Datasheet HTML 17Page - STMicroelectronics VIPER53SP-E Datasheet HTML 18Page - STMicroelectronics VIPER53SP-E Datasheet HTML 19Page - STMicroelectronics VIPER53SP-E Datasheet HTML 20Page - STMicroelectronics VIPER53SP-E Datasheet HTML 21Page - STMicroelectronics VIPER53SP-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Secondary feedback configuration example
VIPer53 - E
18/36
Since the dynamic characteristics of the converter are set on the secondary side through
components associated to U3, the compensation network has only a role of gain
stabilization for the optocoupler, and its value can be freely chosen. R5 can be set to a fixed
value of 1k
Ω, offering the possibility of using C7 as a soft start capacitor: When starting up
the converter, the VIPer53 device delivers a constant current of 0.6 mA on the COMP pin,
creating a constant voltage of 0.6V in R5 and a rising slope across C7. This voltage shape,
together with the operating range of 0.5V to 4.5V provides a soft start-up of the converter.
The rising speed of the output voltage can be set through the value of C7. The C4 and C6
values must be adjusted accordingly in order to ensure a correct start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com