Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP-E Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER53SP-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP-E Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER53SP-E Datasheet HTML 20Page - STMicroelectronics VIPER53SP-E Datasheet HTML 21Page - STMicroelectronics VIPER53SP-E Datasheet HTML 22Page - STMicroelectronics VIPER53SP-E Datasheet HTML 23Page - STMicroelectronics VIPER53SP-E Datasheet HTML 24Page - STMicroelectronics VIPER53SP-E Datasheet HTML 25Page - STMicroelectronics VIPER53SP-E Datasheet HTML 26Page - STMicroelectronics VIPER53SP-E Datasheet HTML 27Page - STMicroelectronics VIPER53SP-E Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Short-circuit and overload protection
VIPer53 - E
24/36
10
Short-circuit and overload protection
A VCOMPovl threshold of about 4.35V has been implemented on the COMP pin. When
VCOMP goes above this level, the capacitor connected on the TOVL pin begins to charge.
When reaching typically VOVLth (4V), the internal MOSFET driver is disabled and the device
stops switching. This state is latched because of to the regulation loop which maintains the
COMP pin voltage above the VCOMPovl threshold. Since the VDD pin does not receive any
more energy from the auxiliary winding, its voltage drops down until it reaches VDDoff and
the device is reset, recharging the VDD capacitor for a new restart cycle. Note: If VCOMP
drops below the VCOMPovl threshold for any reason during the VDD drop, the device
resumes switching immediately.
The device enters an endless restart sequence if the overload or short circuit condition is
maintained. The restart duty cycle DRST is defined as the time ratio for which the device tries
to restart, thus delivering its full power capability to the output. In order to keep the whole
converter in a safe state during this event, DRST must be kept as low as possible, without
compromising the real start-up of the converter. A typical value of about 10% is generally
sufficient. For this purpose, both VDD and TOVL capacitors can be used to satisfy the
following conditions:
Equation 6
Equation 7
Refer to the previous start-up section for the definition of tss, and CVDD must also be
checked against the limit given in this section. The maximum value of the two calculus will
be adopted.
All this behavior can be observed on Figure 8 on page 10. In Figure 10 on page 11 the value
of the drain current Id for VCOMP = VCOMPovl is shown. The corresponding parameter IDmax
is the drain current to take into account for design purposes. Since IDmax represents the
maximum value for which the overload protection is not triggered, it defines the power
capability of the power supply.
C
OVL
12.5
10
6
–
tss
⋅⋅
>
C
VDD
810
4
1
D
RST
--------------
1
–
⎝⎠
⎛⎞
C
OVL
I
DDch2
⋅
V
DDhyst
---------------------------------------
⋅⋅
⋅
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com