Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP-E Datasheet(PDF) 22 Page - STMicroelectronics

Part # VIPER53SP-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP-E Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VIPER53SP-E Datasheet HTML 18Page - STMicroelectronics VIPER53SP-E Datasheet HTML 19Page - STMicroelectronics VIPER53SP-E Datasheet HTML 20Page - STMicroelectronics VIPER53SP-E Datasheet HTML 21Page - STMicroelectronics VIPER53SP-E Datasheet HTML 22Page - STMicroelectronics VIPER53SP-E Datasheet HTML 23Page - STMicroelectronics VIPER53SP-E Datasheet HTML 24Page - STMicroelectronics VIPER53SP-E Datasheet HTML 25Page - STMicroelectronics VIPER53SP-E Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
High voltage Start-up current source
VIPer53 - E
22/36
9
High voltage Start-up current source
An integrated high voltage current source provides a bias current from the DRAIN pin during
the start-up phase. This current is partially absorbed by internal control circuits in standby
mode with reduced consumption, and also supplies the external capacitor connected to the
VDD pin. As soon as the voltage on this pin reaches the high voltage threshold VDDon of the
UVLO logic, the device turns into active mode and starts switching. The start-up current
generator is switched off, and the converter should normally provide the needed current on
the VDD pin through the auxiliary winding of the transformer, as shown on Figure 19 on
page 17.
The external capacitor CVDD on the VDD pin must be sized according to the time needed by
the converter to start-up, when the device starts switching. This time tss depends on many
parameters, including transformer design, output capacitors, soft start feature, and
compensation network implemented on the COMP pin and possible secondary feedback
circuit.
The following formula can be used for defining the minimum capacitor needed:
Equation 5
Figure 21 on page 23 shows a typical start-up event. VDD starts from 0V with a charging
current IDDch1 at about 9 mA. When about VDDoff is reached, the charging current is reduced
down to IDDch2 which is about 0.6mA. This lower current leads to a slope change on the VDD
rise. Device starts switching for VDD equal to VDDon, and the auxiliary winding delivers some
energy to VDD capacitor after the start-up time tss.
The charging current change at VDDoff allows a fast complete start-up time tSDU, and
maintains a low restart duty cycle. This is especially useful for short circuits and overloads
conditions, as described in the following section.
C
VDD
I
DD1
tss
⋅
V
DDhyst
---------------------------
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com