Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP-E Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER53SP-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP-E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER53SP-E Datasheet HTML 16Page - STMicroelectronics VIPER53SP-E Datasheet HTML 17Page - STMicroelectronics VIPER53SP-E Datasheet HTML 18Page - STMicroelectronics VIPER53SP-E Datasheet HTML 19Page - STMicroelectronics VIPER53SP-E Datasheet HTML 20Page - STMicroelectronics VIPER53SP-E Datasheet HTML 21Page - STMicroelectronics VIPER53SP-E Datasheet HTML 22Page - STMicroelectronics VIPER53SP-E Datasheet HTML 23Page - STMicroelectronics VIPER53SP-E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Standby mode
VIPer53 - E
20/36
8
Standby mode
The device offers a special feature to address the low load condition. The corresponding
function described hereafter consists of reducing the switching frequency by going into burst
mode, with the following benefits:
– It reduces the switching losses, thus providing low consumption on the mains lines.
The device is compliant with “Blue Angel” and other similar standards, requiring less
than 0.5 W of input power when in standby.
– It allows the regulation of the output voltage, even if the load corresponds to a duty
cycle that the device is not able to generate because of the internal blanking time, and
associated minimum turn on.
For this purpose, a comparator monitores the COMP pin voltage, and maintains the PWM
latch and the Power MOSFET in the Off state as long as VCOMP remains below 0.5V (See
Block Diagram on page 1). If the output load requires a duty cycle below the one defined by
the minimum turn on of the device, the VCOMP net decreases its voltage until it reaches this
0.5V threshold (VCOMPoff). The Power MOSFET can be completely Off for some cycles, and
resumes normal operation as soon as VCOMP is higher than 0.5V. The output voltage is
regulated in burst mode. The corresponding ripple is not higher than the nominal one at full
load.
In addition, the minimum turn on time which defines the frontier between normal operation
and burst mode changes according to VCOMP value. Below 1.0V (VCOMPbl), the blanking
time increases to 400ns, whereas for higher voltages, it is 150ns Figure 6 on page 10 The
minimum turn on times resulting from these values are respectively 600 ns and 350 ns,
when taking into account internal propagation time. This brutal change induces an
hysteresis between normal operation and burst mode as shown on Figure 20 on page 21.
When the output power decreases, the system reaches point 2 where VCOMP equals
VCOMPbl. The minimum turn-on time passes immediately from 350ns to 600ns, exceeding
the effective turn-on time that should be needed at this output power level. Therefore the
regulation loop will quickly drive VCOMP to VCOMPoff (Point 3) in order to pass into burst
mode and to control the output voltage. The corresponding hysteresis can be seen on the
switching frequency which passes from FSWnom which is the normal switching frequency set
by the components connected to the OSC pin and to FSWstby. Note: This frequency is
actually an equivalent number of switching pulses per second, rather than a fixed switching
frequency since the device is working in burst mode.
As long as the power remains below PRST the output of the regulation loop remains stuck at
VCOMPsd and the converter works in burst mode. Its “density” increases (i.e. the number of
missing cycles decreases) as the power approaches PRST and finally resumes normal
operation at point 1. The hysteresis cannot be seen on the switching frequency, but it can be
seen in the sudden surge of the COMP pin voltage from point 3 to point 1 at that power level.
The power points value PRST and PSTBY are defined by the following formulas:
Equation 2
P
RST
1
2
---
F
SWnom
•
tb
1
td
+
()
•
2
V
2
•
IN
1
Lp
-------
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com