Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP-E Datasheet(PDF) 27 Page - STMicroelectronics

Part # VIPER53SP-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP-E Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VIPER53SP-E Datasheet HTML 23Page - STMicroelectronics VIPER53SP-E Datasheet HTML 24Page - STMicroelectronics VIPER53SP-E Datasheet HTML 25Page - STMicroelectronics VIPER53SP-E Datasheet HTML 26Page - STMicroelectronics VIPER53SP-E Datasheet HTML 27Page - STMicroelectronics VIPER53SP-E Datasheet HTML 28Page - STMicroelectronics VIPER53SP-E Datasheet HTML 29Page - STMicroelectronics VIPER53SP-E Datasheet HTML 30Page - STMicroelectronics VIPER53SP-E Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
VIPer53 - E
Transconductance error amplifier
27/36
The lowest load gives another condition for stability: The frequency FBW1 must not encounter
the second order slope generated by the load pole and the integrator part of the error
amplifier. This condition can be met by adjusting the CCOMP value:
Equation 13
The above formula gives a minimum value for CCOMP. It can be then increased to provide a
natural soft start function as this capacitor is charged by the error amplifier current capacity
ICOMPhi at start-up.
Figure 22. Typical compensation network
C
COMP
R
L1
C
OUT
⋅
6.3
Gm
R
COMP
2
⋅⋅
------------------------------------------------------
P
OUT1
P
MAX
-------------------
⋅
>
P
OUT1
V
OUT
2
R
L1
---------------
=
With:
15V
VDD
OSC
DRAIN
SOURCE
COMP
TOVL
Rcomp
Ccomp
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com