Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER53SP-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER53SP-E Datasheet HTML 12Page - STMicroelectronics VIPER53SP-E Datasheet HTML 13Page - STMicroelectronics VIPER53SP-E Datasheet HTML 14Page - STMicroelectronics VIPER53SP-E Datasheet HTML 15Page - STMicroelectronics VIPER53SP-E Datasheet HTML 16Page - STMicroelectronics VIPER53SP-E Datasheet HTML 17Page - STMicroelectronics VIPER53SP-E Datasheet HTML 18Page - STMicroelectronics VIPER53SP-E Datasheet HTML 19Page - STMicroelectronics VIPER53SP-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Primary regulation configuration example
VIPer53 - E
16/36
The switching frequency can be set to any value through the choice of R3 and C5. This
allows to optimize the efficiency of the converter by adopting the best compromise between
switching losses, EMI (Lower with low switching frequencies) and transformer size (Smaller
with high switching frequencies). For an output power of a few watts, typical switching
frequencies between 20kHz and 40kHz because of the small size of the transformer. For
higher power, 70kHz to 130kHz are generally chosen.
The R5 compensation resistor value sets the dynamic behavior of the converter. It can be
adjusted to provide the best compromise between stability and recovery time with fast load
changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com