Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # CCF
Description  Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCF Datasheet(HTML) 4 Page - Arista Networks, Inc

  CCF Datasheet HTML 1Page - Arista Networks, Inc CCF Datasheet HTML 2Page - Arista Networks, Inc CCF Datasheet HTML 3Page - Arista Networks, Inc CCF Datasheet HTML 4Page - Arista Networks, Inc CCF Datasheet HTML 5Page - Arista Networks, Inc CCF Datasheet HTML 6Page - Arista Networks, Inc CCF Datasheet HTML 7Page - Arista Networks, Inc CCF Datasheet HTML 8Page - Arista Networks, Inc CCF Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SDN Fabric Enables Deep Visibility and Resilience for
OpenStack Networks
The CCF OpenStack Neutron plugin for L2 networking provides
resiliency necessary for production-grade OpenStack
deployments. The CCF Controller acts as the single pane for
provisioning, troubleshooting, visibility and analytics of the
entire physical network environment. This enables data center
operators to deploy applications rapidly, simplifies operational
workflows and provides immediate root–cause analysis when
application performance issues arise.
Scale-out (Elastic) Fabric
CCF’s flexible, scale-out design allows users to start at the size
and scale that satisfies their immediate needs while future
proofing their growth needs. By providing a choice of hardware
and software solutions across the layers of the networking
stack and pay-asyou-grow economics, starting small scale
and growing the fabric gradually instead of locking into a
fully integrated proprietary solution, provides a path to a
modern data center network. Once new switches are added,
the controller adds those switches to the fabric and extends
the current configuration hence reducing any error that may
happen otherwise. Customers take advantage of one-time
configuration of the fabric.
DC-grade Resilience
CCF provides DC grade resiliency that allows the fabric to
operate in the face of link or node failures as well as in the
rare situation when the controller pair is unavailable (headless
mode). Swapping a switch (in case of HW failure or switch
repurpose) is similar to changing a line card in a modular
chassis. After re-cabling and power up, the switch boots up by
downloading the right image, configuration and forwarding
tables. Additionally, the CCF Controller coordinates and
orchestrates the entire fabric upgrade ensuring minimum
fabric down time. These functionalities further enhance fabric
resiliency and simplify operations.
Using CCF: A 3-Tier Application Example
CCF supports a multi-tenant model, which is easily customizable
for the specific requirements of different organizations and
applications. This model increases the speed of application
provisioning, simplifies configuration, and helps with analytics
and troubleshooting. Some of the important terminology used
to describe the functionality include:
• E-VPC Tenant — A logical grouping of L2 and/or L3
networks and services.
• Logical Segment — An L2 network consisting of logical
ports and end-points. This defines the default broadcast
domain boundary.
• Logical Router — A tenant router providing routing and
policy enforcement services for inter-segment, inter-tenant,
and external networks.
• External Core Router — A physical router that provides
connectivity between Pods within a data center and to the
Internet.
• Tenant Services — Services available to tenants and
deployed as dedicated or shared services (individually or as
part of a service chain).
Datasheet
arista.com
arista.com
arista.com
arista.com
4
Figure 4: CCF Graphical User Interface (GUI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com