Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # CCF
Description  Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCF Datasheet(HTML) 3 Page - Arista Networks, Inc

  CCF Datasheet HTML 1Page - Arista Networks, Inc CCF Datasheet HTML 2Page - Arista Networks, Inc CCF Datasheet HTML 3Page - Arista Networks, Inc CCF Datasheet HTML 4Page - Arista Networks, Inc CCF Datasheet HTML 5Page - Arista Networks, Inc CCF Datasheet HTML 6Page - Arista Networks, Inc CCF Datasheet HTML 7Page - Arista Networks, Inc CCF Datasheet HTML 8Page - Arista Networks, Inc CCF Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Example Scenario
Supported
Workloads
Leaf Switch
Configuration
Spine Switch
Configuration
Private Cloud—Typical data center pod
deployments
1G, 10G, 25G
48X10G + 6x40G,
32x100G,
48x25G + 6x100G,
48x25G + 8x100G
32x40G, 32x100G,
64x100G
Cost Optimized Fabric (leverage existing cable
infrastructure)
1G, 10G
48X10G + 6x40G
48X10G + 6x40G
Software Defined Storage / Converged Data
Analytics
25G, 40G
32x40G, 32x100G
32x40G, 32x100G,
64x100G
Dense 10G, 25G Compute (using splitter cables)
10G, 25G
32x40G, 32x100G
32x40G, 32x100G,
64x100G
High performance 40G storage array and 10G
workloads (using splitter cables)
10G, 25G, 40G
48X10G + 6x40G,
32x40G, 32x100G
32x40G, 32x100G,
64x100G
Converged Cloud Fabric Benefits
Centralized Controller Reduces Management Consoles By
Over 60:1
With configuration, automation and most troubleshooting done
via the CCF Controller, the number of management consoles
involved in provisioning new physical capacity or new logical
apps goes down dramatically. For example, in a 32 rack pod
with dual leaf switches and four spine switches, a traditional
box-by-box network design would have 68 switch management
consoles. The Converged Cloud Fabric design has only one—
the controller console—that performs the same functions.
The result is massive time savings, reduced error rates and
simpler automation designs. As a powerful management tool,
the controller console exposes a web-based GUI, a traditional
networking-style CLI and REST APIs.
Streamlined Configuration, Enabling Rapid Innovation
In the CCF design, configuration in the CLI, GUI or REST API
is based on the concept of logical tenants. Each tenant has
administrative control over a logical L2/L3/policy design that
connects the edge ports under the tenant’s control. The
Converged Cloud Fabric controller has the intelligence to
translate the logical design into optimized entries in the
forwarding tables of the spine, leaf and vleaf.
Open Networking Switch Hardware Reduces CapEx Costs
By Over 50%
By adding up hardware, software, maintenance and optics/
cables, a complete picture of the hard costs over three years
shows that the savings are dramatic.
Built-in Orchestration Support Streamlines DC Operations
CCF Controller natively supports integration with popular
private cloud platforms—VMware vSphere/NSX/vSAN,
DellEMC VxRail HCI, Nutanix HCI, Microsoft Hyper-V,
Kubernetes containers and OpenStack—through a single
programmatic interface. This is tremendously simpler and
scalable compared to traditional box-by-box complexity
networking which demands an exponentially larger number of
programmatic interactions with CMPs. Data center admins
benefit from streamlined application deployment workflows,
enhanced analytics and simplified troubleshooting across
physical and virtual environments.
Datasheet
arista.com
arista.com
arista.com
arista.com
3
Figure 2: Example CCF Deployment Scenarios
Figure 3: E-VPC Automation for Cloud Management Platforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com