Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF Datasheet(PDF) 13 Page - Arista Networks, Inc

Part # CCF
Description  Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCF Datasheet(HTML) 13 Page - Arista Networks, Inc

Back Button CCF Datasheet HTML 7Page - Arista Networks, Inc CCF Datasheet HTML 8Page - Arista Networks, Inc CCF Datasheet HTML 9Page - Arista Networks, Inc CCF Datasheet HTML 10Page - Arista Networks, Inc CCF Datasheet HTML 11Page - Arista Networks, Inc CCF Datasheet HTML 12Page - Arista Networks, Inc CCF Datasheet HTML 13Page - Arista Networks, Inc CCF Datasheet HTML 14Page - Arista Networks, Inc CCF Datasheet HTML 15Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Feature
Technical Specification*
Controller
DCA-CC-CDL
Recommended for
CCF P-fabric or P+V fabric
Processor
Intel Xeon 2 sockets
(10 cores)
Form Factor
1U Rack Server
Weight
38.6 lbs
Memory
4 x 16GB
Hard Drive
2 x 1TB SATA
(w/RAID support)
Networking
2 x 1Gb, 2 x 10Gb,
2 x 10Gbase-T
Power
Input Power: 302 watts
Max Power : 403.1 watts
Input Current: 2.7 Amps
MTBF
104,000 hours
CCF Controller Appliance Specification
The CCF Controller can be deployed either as a physical appliance (production or lab deployment) or as a virtual machine appliance
(for limited scale production or lab deployment).
CCF Controller — Physical Appliance Specification:
The CCF controller is available as an enterprise-class, 2-sockets, 1U rack-mount physical appliance designed to deliver the right
combination of performance, redundancy and value in a dense chassis.
* Detailed environment information provided in CCF Hardware Guide.
Datasheet
arista.com
arista.com
arista.com
arista.com
13
Arista CCF Controller: DCA-CC-CDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com