Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # CCF
Description  Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCF Datasheet(HTML) 2 Page - Arista Networks, Inc

  CCF Datasheet HTML 1Page - Arista Networks, Inc CCF Datasheet HTML 2Page - Arista Networks, Inc CCF Datasheet HTML 3Page - Arista Networks, Inc CCF Datasheet HTML 4Page - Arista Networks, Inc CCF Datasheet HTML 5Page - Arista Networks, Inc CCF Datasheet HTML 6Page - Arista Networks, Inc CCF Datasheet HTML 7Page - Arista Networks, Inc CCF Datasheet HTML 8Page - Arista Networks, Inc CCF Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
The CCF architecture consists of a physical switching fabric,
which is based on a leaf-spine Clos architecture. Leaf and spine
switches running Switch Light™ Operating System form the
individual nodes of this physical fabric. Intelligence in the fabric
is hierarchically placed—most of it in the CCF Controller (where
configuration, automation and troubleshooting occur), and
some of it off-loaded to Switch Light for resiliency and scale-out.
Converged Cloud Fabric System Components
• Converged Cloud Fabric Controller — a centralized and
hierarchically implemented SDN controller available as an
HA pair of hardware appliances for high availability.
• Open Networking Leaf and Spine Switch Hardware
— the term ‘open networking’ (whitebox or britebox)
refers to the fact that the Ethernet switches are shipped
without an embedded networking OS. The merchant
silicon networking ASICs used in these switches are the
same as used by most incumbent switch vendors and
have been widely deployed in production in hyperscale
data center networks. These bare metal switches ship with
Open Network Install Environment (ONIE) for automatic
and vendor-agnostic installation of third-party network
OS. A variety of switch HW configurations and vendors are
available on the CCF hardware compatibility list.
• Switch Light Operating System — a light-weight open
networking switch OS purpose built for SDN
• Converged Cloud Fabric Automation Plugins (optional)
— Converged Cloud Fabric has built-in E-VPC network
automation for private cloud platforms including VMware
vSphere/NSX/vSAN, DellEMC VxRail HCI, Nutanix HCI,
Microsoft Hyper-V, Kubernetes containers and OpenStack.
Deployment Solutions
CCF is designed from the ground up to satisfy the requirements
of physical, virtual or combination of physical and virtual
workloads. It supports a wide variety of data center and private
cloud use cases, including:
• VMware SDDC workloads (vSphere, NSX, Virtual SAN and
VIO)
• Converged and Hyper-converged Systems (HCI) with
Nutanix and Dell EMC VxRail
• Microsoft Hyper-V workloads
• OpenStack including NFV
• Kubernetes orchestrated containerized workloads
• Virtual desktop infrastructure (VDI) workloads
Datasheet
arista.com
arista.com
arista.com
arista.com
Figure 1: Converged Cloud Fabric (One Logical Switch)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com