Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # CCF
Description  Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCF Datasheet(HTML) 1 Page - Arista Networks, Inc

  CCF Datasheet HTML 1Page - Arista Networks, Inc CCF Datasheet HTML 2Page - Arista Networks, Inc CCF Datasheet HTML 3Page - Arista Networks, Inc CCF Datasheet HTML 4Page - Arista Networks, Inc CCF Datasheet HTML 5Page - Arista Networks, Inc CCF Datasheet HTML 6Page - Arista Networks, Inc CCF Datasheet HTML 7Page - Arista Networks, Inc CCF Datasheet HTML 8Page - Arista Networks, Inc CCF Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Converged Cloud Fabric™
• Cloud on-prem experience with
Enterprise VPC (E-VPC) for multi-
tenant self-service networking
• Agility Boost for New Service
Enablement with Network Automation
for private cloud & HCI, including
VMware (vSphere, NSX, vSAN, VCF),
VXRail, Nutanix
• Faster Change Management with
Zero-Touch Fabric Operations and
SDN Controls
• Rapid Fabric-wide Upgrades with One-
step Workflow
• One-click Troubleshooting with
Fabric Trace, Policy (ACL) Trace and
Contextual Analytics
Converged Cloud Fabric - Overview
Converged Cloud Fabric (CCF)™ is an automated fabric built with cloud
networking design principles. CCF leverages public cloud-style VPC/VNet
constructs on-prem to deliver a Network-as-a-Service operational model.
CCF automates networking for multiple private cloud platforms, enabling the
network to operate at the speed of VMs and Containers. With built-in analytics
and telemetry, CCF provides real-time contextual visibility across the fabric and
one-click troubleshooting workflows. With CCF, NetOps, DevOps and CloudOps
teams can effectively collaborate, and rapidly on-board applications and
tenants.
Converged Cloud Fabric
Benefits
Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
SDN Software Meets VPCs ON-PREM
• To bring public cloud’s self-service experience to on-prem data center
networks, CCF has implemented AWS-style Virtual Private Cloud (VPC) in
the form of Enterprise VPC (E-VPC). Similar to public cloud’s VPC/VNet-
based logical networking, CCF’s E-VPCs decouple logical network policies
from underlying network hardware attributes (such as port, switch, rack,
VLAN, VRF). With E-VPCs, mainstream IT organizations can deliver cloud-
style Network-as-a-Service and zero-touch operational experience for all
private cloud platforms through built-in network automation including
VMware vSphere/NSX/vSAN, DellEMC VxRail HCI, Nutanix HCI, Microsoft
Hyper-V, Kubernetes containers and OpenStack. Additionally, E-VPC’s built-
in multi tenancy and delegated administration are ideal for DevOps/Cloud
teams for programmatic automation. Mainstream IT organizations get
cloud-style experience, infrastructure and economics, and are finally free of
insurmountable complexity and vendor lock-in of traditional box-by-box
networking.
• Software Defined Networking (SDN) fabric architecture refers to
a separation of the network’s data and control plane, followed by
centralization of the control plane functionality. In practice, it implies
that the network’s policy plane, management plane, and much of the
control plane are externalized from the hardware device itself using
an SDN controller, with few on-device off-load functions for scale and
resiliency. The network state is centralized but hierarchically implemented,
instead of being fully distributed on a box-by-box basis across access and
aggregation switches.
• Controller-based designs not only bring agility via centralized
programmability and automation, but they also streamline fabric designs
(e.g. leaf-spine L2/L3 Clos) that are otherwise cumbersome to implement
and fragile to operate in a box-by-box design.
arista.com
arista.com
arista.com
arista.com
1
Get hands-on experience with our
offering — register for a free online trial
at: ccf-labs.arista.com
Contact our sales team at:
ccf-sales@arista.com
Datasheet


Similar Part No. - CCF

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
CCF ARISTA-CCF Datasheet
235Kb / 3P
Multi-Cloud Director™ Unified Multi-Controller Management For DMF and CCF
November 16 021
logo
TT Electronics.
CCF TTELEC-CCF Datasheet
214Kb / 3P
Commercial Grade Carbon Film Resistor
August 2008
logo
BlockMaster Electronics...
CCF BLOCKMASTER-ELECTRONICS-CCF Datasheet
178Kb / 1P
This specification applies to – CIMXX0A1- Header
6/11/2017
CCF BLOCKMASTER-ELECTRONICS-CCF Datasheet
211Kb / 1P
This specification applies to – CIMXX0A2- Header
6/11/2017
CCF BLOCKMASTER-ELECTRONICS-CCF Datasheet
180Kb / 1P
This specification applies to – CIMXX0A3- Header
6/11/2017
More results

Similar Description - CCF

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
logo
List of Unclassifed Man...
LSW4-GT-8EP_W-TW ETC2-LSW4-GT-8EP_W-TW Datasheet
382Kb / 1P
Switching Fabric
logo
Taoglas antenna solutio...
FXP611070092C TAOGLAS-FXP611070092C Datasheet
477Kb / 12P
The CLoud Flexible Polymer Cloud Shape Antenna
logo
Contec Co., Ltd
CPS-SD-FUJ-01 CONTEC-CPS-SD-FUJ-01 Datasheet
156Kb / 1P
Optional SD Card For FUJITSU Cloud Service IoT Platform
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
logo
Advantech Co., Ltd.
EI-A230 ADVANTECH-EI-A230 Datasheet
719Kb / 2P
Edge Cloud Solution with Scalable Data Service Platform
29-May-2020
EIS-S230 ADVANTECH-EIS-S230 Datasheet
744Kb / 3P
Edge Cloud Server with SignageCMS
8-Apr-2021
UTK-6024 ADVANTECH-UTK-6024 Datasheet
782Kb / 3P
23.8" Indoor Self-Service Kiosk
22-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com