Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # CCF
Description  Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCF Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button CCF Datasheet HTML 4Page - Arista Networks, Inc CCF Datasheet HTML 5Page - Arista Networks, Inc CCF Datasheet HTML 6Page - Arista Networks, Inc CCF Datasheet HTML 7Page - Arista Networks, Inc CCF Datasheet HTML 8Page - Arista Networks, Inc CCF Datasheet HTML 9Page - Arista Networks, Inc CCF Datasheet HTML 10Page - Arista Networks, Inc CCF Datasheet HTML 11Page - Arista Networks, Inc CCF Datasheet HTML 12Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Feature
Description / Benefit
L3 Features
• Layer 3 interfaces: Routed ports, Switch Virtual Interface (SVI), Distributed Gateway
• Multiple IP-Subnet Support per Segment/SVI
• Support for up to 90K IPv4 host prefix, 14K IPv6 host prefix (i.e. Endpoints)
• Support for 1K Virtual Routing and Forwarding (VRF) entries (i.e. 1K Logical Routers)
• 1K Tenants, 1K E-VPCs
• Static Route, BGP (IPv4, IPv6), OSPF (IPv4), OSPFv3 (IPv6)
• Static and dynamic route exchange between E-VPCs
• 68K IPv4 routes, 8K IPv6 routes
• Up to 16 ways Equal-Cost Multipathing (ECMP)
• 1K Equal-Cost Multipathing (ECMP) groups
• 6K flexible ACL entries
• Policy-Based Routing
• Multicast Routing, PIM-SM
• ACL: Routed ACL with Layer 3 and 4 options to match ingress ACL
• Jumbo frame support (up to 9216 bytes)
• DHCP/DHCPv6 relay
• IP Helper
• NAT/PAT support
• BFD support for BGP
QoS
• Layer 2 IEEE 802.1p (class of service [CoS])
• Source segment or IP DSCP based Classification
• Tenant/Segment based classification
• DWRR based egress queuing
• CoS based marking
• PFC and DCBX
• IP address/subnet based QoS classification
High Availability
• Controller HA
• Headless mode (fabric forwards traffic in absence of Controller)
• Redundant Spine
• Redundant Leaf
• Redundant Links
• Controller cluster with single Virtual IP
• Support for redundant out-of-band management switch
Datasheet
arista.com
arista.com
arista.com
arista.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com