Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # CCF
Description  Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCF Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button CCF Datasheet HTML 3Page - Arista Networks, Inc CCF Datasheet HTML 4Page - Arista Networks, Inc CCF Datasheet HTML 5Page - Arista Networks, Inc CCF Datasheet HTML 6Page - Arista Networks, Inc CCF Datasheet HTML 7Page - Arista Networks, Inc CCF Datasheet HTML 8Page - Arista Networks, Inc CCF Datasheet HTML 9Page - Arista Networks, Inc CCF Datasheet HTML 10Page - Arista Networks, Inc CCF Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Feature
Description / Benefit
Fabric Analytics
Fabric Analytics provides Advanced Multi-node Troubleshooting,Analytics & Telemetry in
the Converged Cloud Fabric solution. Data sets in Fabric Analytics can also be streamed to
remote data collection systems like Splunk/Kafka, etc.
API-first Fabric
Converged Cloud Fabric Controller is highly programmable due to its “API-first” design
principle and can be implemented as a closed loop feedback system. For example, security
applications can dynamically detect threats and program the CCF controller for mitigation.
The CCF GUI and CLI utilize the underlying REST APIs—hence are by definition consistent
and hardened.
Tenant-aware Fabric
Converged Cloud Fabric provides built-in multi-tenancy via tenant-aware configurations,
tenant separation, and fine-grain inter-tenant access control. Configuration in the CLI, GUI
or REST API is based on the concept of logical tenants.
Service-aware Fabric
Converged Cloud Fabric supports L3 virtual and physical service insertion and service
chaining.
Services can be shared across tenants or dedicated to a specific tenant.
L2 Features
• Layer 2 switch ports and VLAN trunks
• IEEE 802.1Q VLAN encapsulation
• Support for up to 4K VLANs (i.e. 4K Logical Segments)
• MAC address based segmentation
• BPDU Guard
• Storm Control
• MLAG (up to 16 ports per LAG)
• 3,800 IGMP Groups
• IGMP Snooping
• Static Multicast Group
• Link Layer Discovery Protocol (LLDP)
• Link Aggregation Control Protocol (LACP): IEEE 802.1AX
• LACP Fallback Mode (Dynamic membership management for server PXE booting)
• Jumbo frames on all ports (up to 9216 bytes)
• VLAN Translation
• Primary / Backup Interface
• VXLAN Support
• Preserve VLAN (Q-in-Q)
Datasheet
arista.com
arista.com
arista.com
arista.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com