Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM232R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # MM232R
Description  Mini USB- Serial UART Development Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

MM232R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button MM232R Datasheet HTML 7Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 8Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 9Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 10Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 11Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 12Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 13Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 14Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MM232R Mini USB-Serial UART Development Module Datasheet Version 1.00
© Future Technology Devices International Ltd. 2005
Page 11
Table 7 - UART and CBUS I/O Pin Characteristics (VCCIO = 2.8V, Standard Drive Level)
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
2.1
2.6
3.1
V
I source = 1mA
Vol
Output Voltage Low
0.3
0.4
0.5
V
I sink = 2mA
Vin
Input Switching Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching Hysteresis
20
25
30
mV
**
Table 8 - UART and CBUS I/O Pin Characteristics (VCCIO = 5.0V, High Drive Level)
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
3.2
4.1
4.9
V
I source = 6mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 6mA
Vin
Input Switching Threshold
1.3
1.6
1.9
V
**
VHys
Input Switching Hysteresis
50
55
60
mV
**
Table 9 - UART and CBUS I/O Pin Characteristics (VCCIO = 3.3V, High Drive Level)
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
2.2
2.8
3.2
V
I source = 3mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 8mA
Vin
Input Switching Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching Hysteresis
20
25
30
mV
**
Table 10 - UART and CBUS I/O Pin Characteristics (VCCIO = 2.8V, High Drive Level)
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
2.1
2.8
3.2
V
I source = 3mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 8mA
Vin
Input Switching Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching Hysteresis
20
25
30
mV
**
**Inputs have an internal 200kΩ pull-up resistor to VCCIO.
Table 11 - RESET# and TEST Pin Characteristics
Parameter Description
Min
Typ
Max
Units
Conditions
Vin
Input Switching Threshold
1.3
1.6
1.9
V
VHys
Input Switching Hysteresis
50
55
60
mV
Table 12 - USB I/O Pin (USBDP, USBDM) Characteristics
Parameter Description
Min
Typ
Max
Units Conditions
UVoh
I/O Pins Static Output ( High)
2.8
3.6
V
RI = 1.5kΩ to 3V3Out ( D+ )
RI = 15kΩ to GND ( D- )
UVol
I/O Pins Static Output ( Low )
0
0.3
V
RI = 1.5kΩ to 3V3Out ( D+ )
RI = 15kΩ to GND ( D- )
UVse
Single Ended Rx Threshold
0.8
2.0
V
UCom
Differential Common Mode
0.8
2.5
V
UVDif
Differential Input Sensitivity
0.2
V
UDrvZ
Driver Output Impedance
26
29
44
Ohms
***
***Driver Output Impedance includes the internal USB series resistors on USBDP and USBDM pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com