Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM232R Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # MM232R
Description  Mini USB- Serial UART Development Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

MM232R Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button MM232R Datasheet HTML 2Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 3Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 4Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 5Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 6Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 7Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 8Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 9Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MM232R Mini USB-Serial UART Development Module Datasheet Version 1.00
© Future Technology Devices International Ltd. 2005
Page 
3. MM232R Pin Out and Signal Descriptions
3.1 MM232R Pin Out
Figure 2 - Module Pin Out.
MM232R
© FTDI 2005
1
2
3
4
16 15 14 13
5
6
7
8
10
9
12
11
1
2
3
4
16
15
14
13
6
8
9
11
5
7
10
12
TXD
RXD
SLEEP#
PWREN
RTS#
CTS#
CLK12M
RESET#
SHIELD
USBPWR
VCC50
GND
VCC30
VCCIO
VCC
SHIELD
2.54mm
(0.1")
8.20mm
(0.32")
13.30mm
(0.52")
2.54mm
(0.1")
Figure 3 - MM232R Signal pin out and PCB pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com