Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM232R Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # MM232R
Description  Mini USB- Serial UART Development Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

MM232R Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button MM232R Datasheet HTML 10Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 11Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 12Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 13Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 14Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 15Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 16Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 17Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MM232R Mini USB-Serial UART Development Module Datasheet Version 1.00
© Future Technology Devices International Ltd. 2005
Page 1
6.2 Self Powered Configuration
Figure 6 - Self Powered Configuration
Figure 6 illustrates the MM232R in a USB self powered configuration. In this case an external supply is connected to
the VCC50 pin. In this example pin 3 (VCCIO), the supply to the FT232RQ’s UART and CBUS IO pins, is connected to
pin 2 (VCC). Doing this will make the UART and CBUS IO pins drive out at the same voltage level as VCC50.
The configuration shown in Figure 5 can have a 3.3V - 5V supply.
A USB Self Powered device gets its power from its own power supply and does not draw current from the USB bus.
The basic rules for USB Self powered devices are as follows –
i) A Self Powered device should not force current down the USB bus when the USB Host or Hub Controller is
powered down.
ii) A Self Powered Device can use as much current as it likes during normal operation and USB suspend as it has its
own power supply.
iii) A Self Powered Device can be used with any USB Host and both Bus and Self Powered USB Hubs
In this case the power descriptor in the internal EEPROM should be programmed to a value of zero (self powered).
In order to meet requirement (i) the USB Bus Power is used to control the RESET# input pin of the FT232R device.
When the USB Host or Hub is powered up the internal 1.5kΩ resistor on USBDP is pulled up to 3.3V, thus identifying
the device as a full speed device to USB. When the USB Host or Hub power is off, RESET# will go low and the device
will be held in reset. As RESET# is low, the internal 1.5kΩ resistor will not be pulled up to 3.3V, so no current will be
forced down USBDP via the 1.5kΩ pull-up resistor when the host or hub is powered down. To do this pin 14 (USB) is
connected to PU2 and PU1 is connected to RST#. Failure to do this may cause some USB host or hub controllers to
power up erratically.
Note : When the FT232R is in reset, the UART interface pins all go tri-state. These pins have internal 200kΩ pull-up
resistors to VCCIO, so they will gently pull high unless driven by some external logic.
MM232R
© FTDI 2005
1
2
3
4
16 15 14 13
5
6
7
8
10
9
12
11
TXD
RXD
VCC
VCCIO
VCC50
RTS#
CTS#
CLK12M
GND
RTS#
TXD
CTS#
RXD
CLK_IN
I/O
MCU
3.3V – 5V VCC
3.3V – 5V VCC
PWREN#
RESET#
4k7
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com