Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM232R Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # MM232R
Description  Mini USB- Serial UART Development Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

MM232R Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button MM232R Datasheet HTML 3Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 4Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 5Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 6Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 7Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 8Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 9Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 10Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MM232R Mini USB-Serial UART Development Module Datasheet Version 1.00
© Future Technology Devices International Ltd. 2005
Page 
3.2 Signal Descriptions
Table 1 - Module Pin Out Description
Pin No. Name
Type Description
1
SHEILD
GND
USB Cable shield.
2
VCC
PWR
or Input
To power the module from the 5V supply on USB bus connect pins 15 (USBPWR) and 14 (VCC50) together.
In this case this pin becomes a 5V output, and can be used to supply the VCCIO pin, or to supply external
logic.
To use the MM232R module in a self powered configuration supply an external 3V - 5V supply to this pin, and
do not connect together pins 15 and 14.
3
VCCIO
+1.8V to +5.25V supply to the FT232RQ’s UART Interface and CBUS I/O pins. In USB bus powered designs
connect to 3V3 to drive out at 3.3V levels (connect VCCIO to VCC3O), or connect to VCC to drive out at 5V
CMOS level (connect VCCIO to VCC). This pin can also be supplied with an external 1.8V - 2.8V supply in or-
der to drive out at lower levels. It should be noted that in this case this supply should originate from the same
source as the supply to Vcc. This means that in bus powered designs a regulator which is supplied by the 5V
on the USB bus should be used.
4
VCC3O
Output
3.3V output from integrated L.D.O. regulator. This pin is decoupled to ground on the module pcb with a 100nF
capacitor. The prime purpose of this pin is to provide the internal 3.3V supply to the USB transceiver cell and
the internal 1.5kΩ pull up resistor on USBDP. Up to 50mA can be drawn from this pin to power external logic
if required. This pin can also be used to supply the FT232RQ’s VCCIO pin by connecting this pin to pin 3
(VCCIO).
5
TXD
Output
Transmit Asynchronous Data Output.*
6
RTS#
Output
Request To Send Control Output / Handshake signal.*
7
RXD
Input
Receive Asynchronous Data Input.*
8
CTS#
Input
Clear to Send Control input / Handshake signal.*
9
CLK12
Output
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory default
pin function for the MM232R module is 12MHz Clock output. See CBUS Signal Options, Table 2.*
10
SLEEP#
Output
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory default
pin function for the MM232R module is SLEEP# - Goes low during USB suspend mode. Typically used to
power down an external TTL to RS232 level converter I.C. in USB to RS232 converter designs. This pin is the
FT232R’s CBUS4 See CBUS Signal Options, Table 2.*
11
RESET#
Input
Can be used by an external device to reset the FT232R. If not required can be left unconnected, or pulled up
to VCCIO.
12
PWREN#
Output
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory default
pin function for the MM232R module is PWREN# - Goes low after the device is configured by USB, then high
during USB suspend. Can be used to control power to external logic P-Channel logic level MOSFET switch.
Enable the interface pull-down option when using the PWREN# pin in this way. See CBUS Signal Options,
Table 2.*
13
GND
GND
Module ground supply pins
14
VCC5O
PWR
Module 3.3V - 5.25V power supply input. To power the module from the 5V supply on USB bus connect pins
15 (USBPWR) and 14 (VCC50) together.
15
USBPWR Output
5V Power output USB port. For a low power USB bus powered design, up to 100mA can be sourced from the
5V supply on the USB bus. A maximum of 500mA can be sourced from the USB bus in a high power USB bus
powered design. Connect to Pin 14 (VCC50) to power the MM232R module from the USB bus.
16
SHEILD
GND
USB Cable shield.
* When used in Input Mode, these pins are pulled to VCCIO via internal 200kΩ resistors. These pins can be
programmed to gently pull low during USB suspend ( PWREN# = “1” ) by setting an option in the internal EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com