Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM232R Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # MM232R
Description  Mini USB- Serial UART Development Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

MM232R Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button MM232R Datasheet HTML 9Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 10Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 11Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 12Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 13Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 14Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 15Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 16Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MM232R Mini USB-Serial UART Development Module Datasheet Version 1.00
© Future Technology Devices International Ltd. 2005
Page 1
6. Module Configurations
6.1 Bus Powered Configuration
Figure 5 - Bus Powered Configuration
Figure 5 illustrates the MM232R in a typical USB bus powered design configuration. This is done by connecting pin 15
(USBPWR) to pin 14 (VCC50). Pin 3 (VCCIO), the supply to the FT232RQ’s UART and CBUS IO pins, is connected to
pin 2 (VCC). Doing this will make the UART and CBUS IO pins drive out at 5V levels.
A USB Bus Powered device gets its power from the USB bus. Basic rules for USB Bus power devices are as follows –
i) On plug-in to USB, the device must draw no more than 100mA.
ii) On USB Suspend the device must draw no more than 500μA.
iii) A Bus Powered High Power USB Device (one that draws more than 100mA) should use PWREN# to keep the
current below 100mA on plug-in and 500μA on USB suspend.
iv) A device that consumes more than 100mA can not be plugged into a USB Bus Powered Hub.
v) No device can draw more that 500mA from the USB Bus.
Figure 5 also illustrates interfacing the MM232R module to a microcontroller (MCU) UART interface. This example
uses TXD and RXD for transmission and reception of data, and RTS# / CTS# hardware handshaking. Also in this
example the 12MHz clock output on pin 9 is used to clock the MCU.
If the MCU is handling power management functions, then this can be done by connecting PWREN# to an I/O pin on
the MCU.
MM232R
© FTDI 2005
1
2
3
4
16 15 14 13
5
6
7
8
10
9
12
11
TXD
RXD
VCC
VCCIO
USBPWR
VCC50
RTS#
CTS#
CLK12M
GND
RTS#
TXD
CTS#
RXD
CLK_IN
I/O
MCU
VCC
PWREN#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com