Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM232R Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # MM232R
Description  Mini USB- Serial UART Development Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

MM232R Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button MM232R Datasheet HTML 8Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 9Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 10Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 11Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 12Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 13Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 14Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 15Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MM232R Mini USB-Serial UART Development Module Datasheet Version 1.00
© Future Technology Devices International Ltd. 2005
Page 1
5.3 EEPROM Reliability Characteristics
The internal 1024 bit EEPROM has the following reliability characteristics-
Table 13 - EEPROM Characteristics
Parameter Description
Value
Unit
Data Retention
15
Years
Read / Write Cycles
100,000
Cycles
5.4 Internal Clock Characteristics
The internal Clock Oscillator has the following characteristics.
Table 14 - Internal Clock Characteristics
Parameter
Value
Unit
Min
Typical
Max
Frequency of Operation
11.98
12.00
12.02
MHz
Clock Period
83.19
83.33
83.47
ns
Duty Cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com