Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM232R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # MM232R
Description  Mini USB- Serial UART Development Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

MM232R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button MM232R Datasheet HTML 11Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 12Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 13Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 14Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 15Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 16Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 17Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 18Page - Future Technology Devices International Ltd. MM232R Datasheet HTML 19Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MM232R Mini USB-Serial UART Development Module Datasheet Version 1.00
© Future Technology Devices International Ltd. 2005
Page 1
6.4 USB Bus Powered with 3.3V Logic Drive / IO Supply Voltage
Figure 8 - Bus Powered with 3.3V Logic Drive
Figure 8 shows a configuration where the MM232R module has been configured to be interfaced with a 3.3V MCU. To
do this the MM232R’s VCCIO pin is connect to VCC3O. The MM232R’s VCC3O pin can also be used to supply up to
50mA to external logic.
Please note the following in relation to bus powered designs of this type -
i) PWREN# or SLEEP# signals should be used to power down external logic during USB suspend mode, in order to
comply with the limit of 500μA. If this is not possible, use the configuration shown in Section 6.3.
ii) The maximum current source from USB Bus during normal operation should not exceed 100mA, otherwise a bus
powered design with power switching (Section 6.3) should be used.
Another possible configuration would be to use a discrete low dropout regulator which is supplied by the 5V on the
USB bus to supply 2.8V - 1.8V to the VCCIO pin and to the external logic. The LDO would be supplied with the 5V
from the USB bus (available from the module’s USBPWR pin). VCCIO would be connected to the output of the low
dropout regulator, would in turn will cause the MM232R I/O pins to drive out at 2.8V - 1.8V logic levels.
For USB bus powered circuits some considerations have to be taken into account when selecting the regulator –
iii) The regulator must be capable of sustaining its output voltage with an input voltage of 4.35V. A Low Drop Out
(L.D.O.) regulator must be selected.
iv) The quiescent current of the regulator must be low in order to meet the USB suspend total current requirement of
<= 500μA during USB suspend.
An example of a regulator family that meets these requirements is the MicroChip / Telcom TC55 Series of devices
(www.microchip.com). These devices can supply up to 250mA current and have a quiescent current of under 1μA.
MM232R
© FTDI 2005
1
2
3
4
16 15 14 13
5
6
7
8
10
9
12
11
TXD
RXD
VCC3O
VCCIO
VCC50
RTS#
CTS#
CLK12M
GND
RTS#
TXD
CTS#
RXD
CLK_IN
I/O
MCU
VCC3O
USBPWR
PWREN#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com