Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Prototyping Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button VDIP2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 12Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
VDIP2 Vinculum VNC1L Prototyping Module
Datasheet Version 0.91
© Future Technology Devices Intl Ltd. 2006-2007
Page 11
2.54mm
(0.10”)
60.60mm
(2.40”)
10.80mm
(0.43”)
4.2mm
(0.16”)
2.54mm
(0.10”)
66.0mm
(2.60”)
�.1 VDIP2 �oard Dimensions
�.1 VDIP2 �oard Dimensions
The VDIP2 board dimensions are shown below.
�. Dimensions
Figure 8 - VDIP2 dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com