Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Prototyping Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  VDIP2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
VDIP2 Vinculum VNC1L Prototyping Module
Datasheet Version 0.91
© Future Technology Devices Intl Ltd. 2006-2007
Page 
2.3I/OConfigurationUsingTheJumperPinHeader
TwothreewayjumperpinheadersareprovidedtoallowforsimpleconfigurationoftheI/Oondataandcontrolbus
pins of the VDIP2. This is done by a combination of pulling up or pulling down the VNC1L’s ACBUS5 (pin 46) and
ACBUS6(pin47).TherelevantportionoftheVDIP2moduleschematicisshowninfigure7,below.
Figure2-VDIP2On-boardjumperpinconfiguration.
Table 2 - Port Selection Jumper Pins
ACBUS6
(VNC1L pin 47)
ACBUS5
(VNC1L pin 46)
I/O Mode
Pull-Up
Pull-Up
Serial UART
Pull-Up
Pull-Down
SPI
Pull-Down
Pull-Up
Parallel FIFO
Pull-Down
Pull-Down
Serial UART
Table3-Dataandcontrolbusconfigurationoptions
Pin
No.
Name Pin
Name
on
PCB
Type Description
Data and Control Bus Configuration
Options
UART
Interface
Parallel
FIFO
Interface
SPI
Slave
Interface
I/O Port
14
ADBUS0 AD0
I/O
5V safe bidirectional data / control bus, AD bit 0 TXD
D0
SCLK
PortAD0
16
ADBUS1 AD1
I/O
5V safe bidirectional data / control bus, AD bit 1 RXD
D1
SDI
PortAD1
17
ADBUS2 AD2
I/O
5V safe bidirectional data / control bus, AD bit 2 RTS#
D2
SDO
PortAD2
18
ADBUS3 AD3
I/O
5V safe bidirectional data / control bus, AD bit 3 CTS#
D3
CS
PortAD3
19
ADBUS4 AD4
I/O
5V safe bidirectional data / control bus, AD bit 4 DTR#
D4
PortAD4
20
ADBUS5 AD5
I/O
5V safe bidirectional data / control bus, AD bit 5 DSR#
D5
PortAD5
21
ADBUS6 AD6
I/O
5V safe bidirectional data / control bus, AD bit 6 DCD#
D6
PortAD6
22
ADBUS7 AD7
I/O
5V safe bidirectional data / control bus, AD bit 7 RI#
D7
PortAD7
23
ACBUS0 AC0
I/O
5V safe bidirectional data / control bus, AC bit 0 TXDEN#
RXF#
PortAC0
24
ACBUS1 AC1
I/O
5V safe bidirectional data / control bus, AC bit 1
TXE#
PortAC1
25
ACBUS2 AC2
I/O
5V safe bidirectional data / control bus, AC bit 2
RD#
PortAC2
27
ACBUS3 AC3
I/O
5V safe bidirectional data / control bus, AC bit 3
WR
PortAC3
28
ACBUS4 AC4
I/O
5V safe bidirectional data / control bus, AC bit 4
PortAC4
46
47
ACBUS5
ACBUS6
47k
47k
3V3
GND
1
2
3
1
2
3
J3
J4
VNC1L-1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com