Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Prototyping Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  VDIP2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VDIP2 Vinculum VNC1L Prototyping Module
Datasheet Version 0.91
© Future Technology Devices Intl Ltd. 2006-2007
Page 
2.2 Pin Signal Descriptions
Table 1 - VDIP2 module pin descriptions
Pin No. Name
Pin Name
on PCB
Type
Description
1
NC
No connect
2
5V0
5V0
PWR Input
5.0 V module supply pin. This pin provides the 5.0V output on the USB ‘A’ type socket,
and also the 3.3V supply to VNC1L, via an on-board 3.3 V L.D.O.
3
5V0
5V0
PWR Input
5.0 V module supply pin. This pin provides the 5.0V output on the USB ‘A’ type socket,
and also the 3.3V supply to VNC1L, via an on-board 3.3 V L.D.O.
4
LED1
LD1
Output
USBport1trafficactivityindicatorLED.ThispinishardwiredtoagreenLEDonboard
the PCB. It is also brought out onto this pin which allows for the possibility of bring-
ingoutanadditionalLEDtrafficindicatoroutoftheVDIP2board.Forexample,ifthe
VDIP2USBconnectorisbroughtoutontoaninstrumentfrontpanel,anactivityLED
could be mounted along side it.
5
LED2
LD2
Output
USBport2trafficactivityindicatorLED.ThispinishardwiredtoagreenLEDonboard
the PCB. It is also brought out onto this pin which allows for the possibility of bring-
ingoutanadditionalLEDtrafficindicatoroutoftheVDIP2board.Forexample,ifthe
VDIP2USBconnectorisbroughtoutontoaninstrumentfrontpanel,anactivityLED
could be mounted along side it.
6
BDBUS7 BD7
I/O
5V safe bidirectional data / control bus, BD bit 7
7
BCBUS0 BC0
I/O
5V safe bidirectional data / control bus, BC bit 0
8
BCBUS1 BC1
I/O
5V safe bidirectional data / control bus, BC bit 1
9
5V0
5V0
PWR Input
5.0 V module supply pin. This pin provides the 5.0V output on the USB ‘A’ type socket,
and also the 3.3V supply to VNC1L, via an on-board 3.3 V L.D.O.
10
BCBUS2 BC2
I/O
5V safe bidirectional data / control bus, BC bit 2
11
BCBUS3 BC3
I/O
5V safe bidirectional data / control bus, BC bit 3
12
GND
GND
PWR
Module ground supply pin
13
GND
GND
PWR
Module ground supply pin
14
ADBUS0 AD0
I/O
5V safe bidirectional data / control bus, AD bit 0
15
GND
GND
PWR
Module ground supply pin
16
ADBUS1 AD1
I/O
5V safe bidirectional data / control bus, AD bit 1
17
ADBUS2 AD2
I/O
5V safe bidirectional data / control bus, AD bit 2
18
ADBUS3 AD3
I/O
5V safe bidirectional data / control bus, AD bit 3
19
ADBUS4 AD4
I/O
5V safe bidirectional data / control bus, AD bit 4
20
ADBUS5 AD5
I/O
5V safe bidirectional data / control bus, AD bit 5
21
ADBUS6 AD6
I/O
5V safe bidirectional data / control bus, AD bit 6
22
ADBUS7 AD7
I/O
5V safe bidirectional data / control bus, AD bit 7
23
ACBUS0 AC0
I/O
5V safe bidirectional data / control bus, AC bit 0
24
ACBUS1 AC1
I/O
5V safe bidirectional data / control bus, AC bit 1
25
ACBUS2 AC2
I/O
5V safe bidirectional data / control bus, AC bit 2
26
GND
GND
PWR
Module ground supply pin
27
ACBUS3 AC3
I/O
5V safe bidirectional data / control bus, AC bit 3
28
ACBUS4 AC4
I/O
5V safe bidirectional data / control bus, AC bit 4
29
ACBUS5 AC5
I/O
5V safe bidirectional data / control bus, AC bit 5
30
RESET# RS#
Input
Can be used by an external device to reset the VNC1L. This pin can be used in combi-
nationwithPROG#andtheUART/parallelFIFO/SPIinterfacetoprogramfirmware
into the VNC1L.
31
PROG#
PG#
Input
ThispinisusedincombinationwiththeRESET#pinandtheUART/parallelFIFO/
SPIinterfacetoprogramfirmwareintotheVNC1L.
32
3V3
3V3
PWR Output
3.3V output from VDIP2’s on board 3.3V L.D.O.
33
BDBUS0 BD0
I/O
5V safe bidirectional data / control bus, BD bit 0
34
BDBUS1 BD1
I/O
5V safe bidirectional data / control bus, BD bit 1
35
BDBUS2 BD2
I/O
5V safe bidirectional data / control bus, BD bit 2
36
BDBUS3 BD3
I/O
5V safe bidirectional data / control bus, BD bit 3
37
BDBUS4 BD4
I/O
5V safe bidirectional data / control bus, BD bit 4
38
3V3
3V3
PWR Output
3.3V output from VDIP2’s on board 3.3V L.D.O.
39
3V3
3V3
PWR Output
3.3V output from VDIP2’s on board 3.3V L.D.O.
40
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com