Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Prototyping Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button VDIP2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 12Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
VDIP2 Vinculum VNC1L Prototyping Module
Datasheet Version 0.91
© Future Technology Devices Intl Ltd. 2006-2007
Page 10
register (‘1’) is written to. During the SPI write cycle a byte of data can be input to SPI Data In on the next clock cycle
aftertheaddressbit,MSBfirst.Afterthedatahasbeenclockedintothechip,thestatusofSPIDataOutshouldbe
checked to see if the data read was accepted. A ‘0’ level on SPI Data Out means that the data write was accepted. A
‘1’ indicates that the internal buffer is full, and the write should be repeated. Remember that CS must be held low for at
least one clock period before being taken high again to continue with the next read or write cycle.
Figure 7 - SPI Slave Data Timing Diagrams
T1
T2
T3
T4
T5
T6
T7
SPICLK
SPICS /
SPI DATA IN
SPI DATA OUT
Table 9 - SPI Slave Data Timing
Time
Description
Min
Typical Max
Unit
T1
SPICLK Period
83
-
-
ns
T2
SPICLK High
20
-
-
ns
T3
SPICLK Low
20
-
-
ns
T4
Input Setup Time
10
-
-
ns
T5
Input Hold Time
10
-
-
ns
T6
Output Hold Time
2
-
-
ns
T7
Output Valid Time
-
-
20
ns
Table 10 - Status Register (ADD = ‘1’)
Bit
Description
0
RXF#
1
TXE#
2
-
3
-
4
RXFIRQEn
5
TXEIRQEn
6
-
7
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com