Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Prototyping Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button VDIP2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 12Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
VDIP2 Vinculum VNC1L Prototyping Module
Datasheet Version 0.91
© Future Technology Devices Intl Ltd. 2006-2007
Page 
2.�� �PI Inter�a�e �igna�� �es�riptions and Timing �iagrams
2.���PIInter�a�e�igna���es�riptionsandTiming�iagrams
Table 8 - Data and Control Bus Signal Mode Options - SPI Interface
Pin No.
Name
Type
Description
14
SCLK
Input
SPI Clock input, 12MHz maximum.
16
SDI
Input
SPI Serial Data Input
17
SDO
Output
SPI Serial Data Output
18
CS
Input
SPI Chip Select Input
Figure 5 - SPI Slave Data Read Cycle
SPICLK
SPI Data In
SPI Data Out
SPI CS
R/W ADD
D0
D1
D2
D3
D4
D5
D6
D7
1
1
0
From Start - SPI CS must be held high for the entire read cycle, and must be taken low for at least one clock period
afterthereadiscompleted.ThefirstbitonSPIDataInistheR/Wbit-inputtinga‘1’hereallowsdatatobereadfrom
the chip. The next bit is the address bit, ADD, which is used to indicate whether the data register (‘0’) or the status
register (‘1’) is read from. During the SPI read cycle a byte of data will start being output on SPI Data Out on the next
clockcycleaftertheaddressbit,MSBfirst.Afterthedatahasbeenclockedoutofthechip,thestatusofSPIData
Out should be checked to see if the data read is new data. A ‘0’ level here on SPI Data Out means that the data read
is new data. A ‘1’ indicates that the data read is old data, and the read cycle should be repeated to get new data.
Remember that CS must be held low for at least one clock period before being taken high again to continue with the
next read or write cycle.
Figure 6 - SPI Slave Data Write Cycle
SPICLK
SPI Data In
SPI Data Out
SPI CS
R/W ADD
D0
D1
D2
D3
D4
D5
D6
D7
1
0
0
From Start - SPI CS must be held high for the entire write cycle, and must be taken low for at least one clock period
afterthewriteiscompleted.ThefirstbitonSPIDataInistheR/Wbit-inputtinga‘0’hereallowsdatatobewritten
to the chip. The next bit is the address bit, ADD, which is used to indicate whether the data register (‘0’) or the status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com