Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Prototyping Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button VDIP2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VDIP2 Vinculum VNC1L Prototyping Module
Datasheet Version 0.91
© Future Technology Devices Intl Ltd. 2006-2007
Page 
2.�� Para����e�� �I�O Inter�a�e �igna�� �es�riptions and Timing �iagrams
2.��Para����e���I�OInter�a�e�igna���es�riptionsandTiming�iagrams
Table 5 - Data and Control Bus Signal Mode Options - Parallel FIFO Interface
Pin No.
Name
Type
Description
14
D0
I/O
FIFO Data Bus Bit 0
16
D1
I/O
FIFO Data Bus Bit 1
17
D2
I/O
FIFO Data Bus Bit 2
18
D3
I/O
FIFO Data Bus Bit 3
19
D4
I/O
FIFO Data Bus Bit 4
20
D5
I/O
FIFO Data Bus Bit 5
21
D6
I/O
FIFO Data Bus Bit 6
22
D7
I/O
FIFO Data Bus Bit 7
23
RXF#
OUTPUT
When high, do not read data from the FIFO. When low, there is data available in the FIFO which can
bereadbystrobingRD#low,thenhighagain.
24
TXE#
OUTPUT
When high, do not write data into the FIFO. When low, data can be written into the FIFO by strobing
WR high, then low.
25
RD#
INPUT
EnablesthecurrentFIFOdatabyteonD0...D7whenlow.FetchedthenextFIFOdatabyte(ifavail-
able)fromthereceiveFIFObufferwhenRD#goesfromhightolow.
27
WR
INPUT
Writes the data byte on the D0...D7 pins into the transmit FIFO buffer when WR goes from high to low.
Figure 3 - FIFO Read Cycle
RXF#
RD#
D[7...0]
T3
T1
T5
T6
T2
T4
Valid Data
Table 6 - FIFO Read Cycle Timings
Time
Description
Min
Max
Unit
T1
RD Active Pulse Width
50
-
ns
T2
RD to RD Pre-Charge Time
50 + T6
-
ns
T3
RD Active to Valid Data*
20
50
ns
T4
Valid Data Hold Time from RD Inactive* 0
-
ns
T5
RDInactivetoRXF#
0
25
ns
T6
RXF Inactive After RD Cycle
80
-
ns
* Load = 30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com