Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Prototyping Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button VDIP2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP2 Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
VDIP2 Vinculum VNC1L Prototyping Module
Datasheet Version 0.91
© Future Technology Devices Intl Ltd. 2006-2007
Page 
2.�� U��T Inter�a�e �igna�� �es�riptions
2.��U��TInter�a�e�igna���es�riptions
Table 4 - Data and Control Bus Signal Mode Options - UART Interface
Pin No.
Name
Type
Description
14
TXD
Output
Transmit asynchronous data output
16
RXD
Input
Receive asynchronous data input
17
RTS#
Output
Request To Send Control Output / Handshake signal
18
CTS#
Input
Clear To Send Control Input / Handshake signal
19
DTR#
Output
Data Terminal Ready Control Output / Handshake signal
20
DSR#
Input
Data Set Ready Control Input / Handshake signal
21
DCD#
Input
Data Carrier Detect Control Input
22
RI#
Input
RingIndicatorControlInput.WhentheRemoteWakeupoptionisenabledintheEEPROM,takingRI#
low can be used to resume the PC USB Host controller from suspend.
23
TXDEN#
Input
EnableTransmitDataforRS485designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com