Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5062BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5062BCCZN-R7
Description  100 MHz to 13 GHz, Differential SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5062BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5062BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
ADRF5062
SPECIFICATIONS
analog.com
Rev. A | 3 of 11
VDD = 3.3 V, VSS = −3.3 V, digital control voltage (VCTL) = 0 V or 3.3 V, TCASE = 25°C, and a 100 Ω differential system, unless otherwise noted.
RFC refers to the RFCP and RFCN differential pair, RF1 refers to the RF1P and RF1N differential pair, RF2 refers to the RF2P and RF2N
differential pair, and RFx refers the RF1 and RF2 differential pairs.
Table 1. Electrical Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
13
GHz
INSERTION LOSS
RFC to RF1
0.1 GHz to 6 GHz
0.8
dB
6 GHz to 10 GHz
0.9
dB
10 GHz to 13 GHz
1.0
dB
RFC to RF2
0.1 GHz to 6 GHz
0.7
dB
6 GHz to 10 GHz
0.8
dB
10 GHz to 13 GHz
1.0
dB
RETURN LOSS
RFC (On)
0.1 GHz to 13 GHz
20
dB
RFx (On)
0.1 GHz to 6 GHz
20
dB
6 GHz to 13 GHz
18
dB
RFx (Off)
0.1 GHz to 13 GHz
20
dB
ISOLATION
dB
RFC to RFx
0.1 GHz to 6 GHz
51
dB
6 GHz to 10 GHz
47
dB
10 GHz to 13 GHz
42
dB
RFx to RFx
0.1 GHz to 6 GHz
52
dB
6 GHz to 10 GHz
45
dB
10 GHz to 13 GHz
40
dB
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, FALL
10% to 90% of RF output
20
ns
On and Off Time
tON, OFF
50% VCTL to 90% of RF output
60
ns
0.1 dB Settling Time
50% VCTL to 0.1 dB of final RF output
110
ns
INPUT LINEARITY1
0.1 dB Power Compression
P0.1dB
f = 0.1 GHz to 13 GHz
>34
dBm
Third-Order Intercept
IP3
f = 2.3 GHz, two-tone input power = 20 dBm each
tone, Δf = 1 MHz
65
dBm
DIFFERENTIAL PAIR CHARACTERISTICS
Amplitude Imbalance RF1
6 GHz
0.15
dB
10 GHz
0.3
dB
13 GHz
0.35
dB
Amplitude Imbalance RF2
6 GHz
−0.1
dB
10 GHz
−0.15
dB
13 GHz
−0.35
dB
Phase Imbalance RF1
6 GHz
6
Degrees
10 GHz
8
Degrees
13 GHz
9
Degrees
Phase Imbalance RF2
6 GHz
−3
Degrees
10 GHz
−4
Degrees
13 GHz
−2
Degrees
Group Delay
tGD
45
ps
SUPPLY CURRENTS
VDD and VSS pins
Positive
VDD
135
µA
Negative
VSS
510
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com