Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5062BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5062BCCZN-R7
Description  100 MHz to 13 GHz, Differential SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5062BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5062BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
ADRF5062
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 5 of 11
For recommended operating conditions, see Table 1.
Table 3. Absolute Maximum Ratings
Parameter1, 2
Rating
Supply Voltage
Positive
−0.3V to +3.6 V
Negative
−3.6 V to +0.3 V
Digital Control Inputs3
Voltage
−0.3 V to VDD + 0.3 V
Current
3 mA
RF Input Power (VDD= 3.3 V, VSS = −3.3 V,
f4 = 100 MHz to 13 GHz, TCASE = 85°C5 )
Through Path
33.5 dBm
Terminated Path
30.5 dBm
Hot Switching (RFC)
27.5 dBm
RF Input Power4 (VDD= 3.3 V, VSS= 0 V,
f = 100 MHz to 13 GHz, TCASE = 85°C)
Through Path
22.5 dBm
Terminated Path
22.5 dBm
Hot Switching (RFC)
22.5 dBm
RF Input Power, Unbiased (VDD and VSS = 0 V) 30 dBm
Temperature
Junction, TJ
135°C
Storage Range
−65°C to +150°C
Reflow
260°C
1 RF input power specifications are defined over 100 Ω differential pairs.
2 RFC refers to the RFCP and RFCN differential pair.
3 Overvoltages at the digital control inputs are clamped by internal diodes.
Current must be limited to the maximum rating given.
4 For power derating over frequency, see Figure 2.
5 For 105°C operation, the power handling degrades from the TCASE = 85°C
specification by 3 dB.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 4. Thermal Resistance
Package Type
θJC1
Unit
CC-20-15
Through Path
100
°C/W
Table 4. Thermal Resistance (Continued)
Package Type
θJC1
Unit
Terminated Path
50
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel through the
ground pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVE
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD
sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADRF5062
Table 5. ADRF5062, 20-Terminal LGA
ESD Model1
Withstand Threshold (V)
Class
HBM
RF1x, RF2x, and RFCx Pins
500
1A
Supply and Control Pins
1500
1C
CDM
500
C2A
1 RF1x refers to the RF1P and RF1N, RF2x refers to the RF2P and RF2N pins,
and RFCx refers to the RFCP and RFCN pins.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com