Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5062BCCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5062BCCZN-R7
Description  100 MHz to 13 GHz, Differential SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5062BCCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5062BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
ADRF5062
SPECIFICATIONS
analog.com
Rev. A | 4 of 11
Table 1. Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL CONTROL INPUTS
VCTL and EN pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low and High
IINL, IINH
<1
µA
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTL
0
VDD
V
RF Input Power2
PIN
f = 0.1 to 13 GHz, TCASE = 85°C3
Through Path
RF signal is applied to RFC or through connected
RFx
33
dBm
Terminated Path
RF signal is applied to terminated RFx
30
dBm
Hot Switching
RF signal is present at RFC while switching
between RFx
27
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 12 and Figure 15.
2 For power derating over frequency, see Figure 2.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0 V, VCTL = 0 V or 3.3 V, TCASE = 25°C, and a 100 Ω differential system, unless otherwise noted. RFC refers to the RFCP
and RFCN differential pair, RF1 refers to the RF1P and RF1N differential pair, RF2 refers to the RF2P and RF2N differential pair, and RFx
refers the RF1 and RF2 differential pairs.
Table 2. Single-Supply Operation Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
13
GHz
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output
70
ns
On Time and Off Time
tON, tOFF
50% VCTL to 90% of RF output
170
ns
0.1 dB RF Settling Time
50% VCTL to 0.1 dB of final RF output
190
ns
INPUT LINEARITY
f = 0.1 GHz to 13 GHz
0.1 dB Power Compression
P0.1dB
22
dBm
Third-Order Intercept
IP3
f = 2.3 GHz, two-tone input power = 0 dBm each
tone, Δf = 1 MHz
32
dBm
RECOMMENDED OPERATING CONDITONS
RF Input Power1, 2
PIN
f = 0.1 GHz to 13 GHz, TCASE = 85°C
Through Path
RF signal is applied to the RFC or through
connected RFx
22
dBm
Terminated Path
RF signal is applied to terminated RFx
22
dBm
Hot Switching
RF signal is applied to the RFC while switching
between RFx
22
dBm
1 For power derating over frequency, see Figure 2.
2 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com