Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5062BCCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5062BCCZN-R7
Description  100 MHz to 13 GHz, Differential SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5062BCCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5062BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
ADRF5062
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 6 of 11
Figure 3. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 5, 6, 8, 10, 11, 16, 18, 20 GND
Ground. The GND pins must be connected to the RF and DC ground of the PCB.
2, 4, 7, 9, 17, 19
RFCP, RFCN,
RF2N, RF2P,
RF1N, RF1P
The RFCx, RF1x, and RF2x pins are DC-coupled to 0 V and RF matched to differential, 100 Ω impedance as differential
pairs. See Figure 4 for the interface schematic.
12
EN
Enable Input. See Table 7 for the truth table. See Figure 5 for the interface schematic.
13
VCTL
Control Input. See Table 7 for the truth table and Figure 5 for the interface schematic.
14
VSS
Negative Supply Voltage. See Figure 6 for the interface schematic.
15
VDD
Positive Supply Voltage. See Figure 7 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and DC ground.
INTERFACE SCHEMATICS
Figure 4. RFCx, RF1x, and RF2x Interface Schematic
Figure 5. VCTL and EN Interface Schematic
Figure 6. VSS Interface Schematic
Figure 7. VDD Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com