Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5062BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5062BCCZN-R7
Description  100 MHz to 13 GHz, Differential SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5062BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5062BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Data Sheet
ADRF5062
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 11 of 11
Package Drawing (Option)
Package Type
Package Description
CC-20-15
LGA
20-Terminal Land Grid Array
For the latest package outline information and land patterns (footprints), go to Package Index.
Figure 21.
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADRF5062BCCZN
−40°C to +105°C
20-Terminal LGA
CC-20-15
ADRF5062BCCZN-R7
−40°C to +105°C
20-Terminal LGA
CC-20-15
1 Z = RoHS-Compliant Part.
EVALUATION BOARDS
Table 8. Evaluation Boards
Model1
Description
ADRF5062-EVALZ
Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com