Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5062BCCZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5062BCCZN-R7
Description  100 MHz to 13 GHz, Differential SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5062BCCZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5062BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5062BCCZN-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet
ADRF5062
THEORY OF OPERATION
analog.com
Rev. A | 9 of 11
The ADRF5062 integrates a driver to perform logic functions inter-
nally and provides the user with the advantage of a simplified
CMOS-/LVTTL-compatible control interface. The driver features two
digital control input pins, EN and VCTL. When EN is low, the
ADRF5062 is in the all off state, meaning that both RFC to RF1 and
RFC to RF2 paths are in an isolation state. When EN is high, the
logic level applied to the VCTL pin determines which RF port is in
the insertion loss state and which RF port is in the isolation state
(see Table 7).
RF INPUT AND OUTPUT
The RF ports (RFC, RF1, and RF2) are DC-coupled to 0 V, and no
DC blocking is required at the RF ports when the RF line potential
is equal to 0 V. The RF ports are internally matched to differential
100 Ω impedance. For single-ended 50 Ω applications, contact
Analog Devices, Inc., Technical Support.
When the EN pin is logic high, the logic level applied to the VCTL
pin determines which RF port is in the insertion loss state and
which RF port is in the isolation state. The insertion loss path
conducts the input RF signal pair between the RFC pair and the
selected RF1 and RF2 pairs.
When the EN pin is logic low, the switch is in an all off state
regardless of the logic state of the VCTL pin. Both the RF1 to
RFC path and the RF2 to RFC path are in an isolation state. The
isolation path provides high loss between the insertion loss path
and the unselected RF throw pair. The unselected RF throw ports
are terminated to internal differential 100 Ω resistors.
The ADRF5062 is bidirectional with equal power handling capabili-
ties. The RF input signal can be applied to the RFC port or to the
selected RF throw port.
POWER SUPPLY
The ADRF5062 requires a positive supply voltage applied to the
VDD pin, and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to filter
high frequency noise.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and ensure that the supply is in the specified
range.
3. Power up VSS.
4. Power up the digital control inputs. The relative order of the log-
ic control inputs is not important. However, powering the digital
control inputs before the VDD supply can inadvertently forward
bias and damage the internal ESD protection structures.
5. Apply signals to the RF input port. The design is bidirectional;
the input signal can be applied to the RFC port, while the RF
throw ports are outputs or vice versa.
The ideal power-down sequence is the reverse of the previous ideal
power-up sequence.
Single-Supply Operation
The ADRF5062 can operate with a single positive supply voltage
applied to the VDD pin, and the VSS pin connected to ground.
However, some performance differences can occur in the input
compression, input third-order intercept, and timing specifications.
See Table 2 for further details.
Table 7. Control Voltage Truth Table
Digital Control Inputs
RF Paths1
EN
VCTL
RFC to RF1
RFC to RF2
High
Low
Isolation (off)
Insertion loss (on)
High
High
Insertion loss (on)
Isolation (off)
Low
Low or high
Isolation (off)
Isolation (off)
1 RFC refers to the RFCP and RFCN differential pair, RF1 refers to the RF1P and RF1N differential pair, and RF2 refers to the RF2P and RF2N differential pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com