Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373CDR2 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MC44BC373CDR2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373CDR2 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MC44BC373CDR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MC44BC373C/374C Technical Data
High Speed I2C Compatible Bus
14.3 Levels Definition
14.4 High Speed I2C Compatible Bus Format
14.5 I2C Write Mode Format and Bus Receiver
The bus receiver operates the I2C compatible data format. The chip address (I2C bus) is:
In write mode, each ninth data bit (bits 9, 18, 27, 36, and 45) is an acknowledge bit (ACK) during which
the MCU sends a logic 1 and the Modulator circuit answers on the data line by pulling it low. Besides the
chip address, the circuit needs two or four data bytes for operation. The following sequences of data bytes
are the permitted incoming information:
After the chip address, two or four data bytes may be received.
•
If three data bytes are received, the third one is ignored.
•
If five or more data bytes are received, the fifth and following ones are ignored, and the last ACK
pulse is sent at the end of the fourth data byte.
11001010 (ACK) =$CA(hex) in write mode
Example 1
STA
CA
C1
C0
STO
Example 2
STA
CA
FM
FL
STO
Example 3
STA
CA
C1
C0
FM
FL
STO
Example 4
STA
CA
FM
FL
C1
C0
STO
With:
STA = Start condition
CA = Chip Address
FM = Frequency information, high order bits
FL = Frequency information, low order bits
C1 = Control information, high order bits
CO = Control information, low order bits
STO = Stop condition
SDA
...
0V
Vcc
Vih
Vil
dead band
1
2
3
4
5
6
7
8
9 10
14
11 12 13
45
44
15
19
16 17 18
STA
Chip Address ($CA)
ACK
ACK
First Data Byte (C1 or FM)
Data
ACK
Stop
SCL
SDA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com