Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373CDR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC44BC373CDR2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373CDR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC44BC373CDR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MC44BC373C/374C Technical Data
Video Characteristics
10 Video Characteristics
Unless otherwise stated: Vcc=5.0V, Ambient Temperture=25
o C, Video Input 1V
p-p, 10-step grayscale.
RF output into 75Ohm load. SPECIFICATIONS ONLY VALID FOR ENVELOPE DEMODULATION.
Figure 4. Typical Performances
Parameter
Test Conditions
Min
Typ
Max
Unit
Type
Video bandwidth
Reference 0dB at 100kHz,
measured at 5MHz. See Note 2
–1.5
–0.8
—
dB
C
Video input level
75Ohm load
—
—
1.5Vcvbs
D
Video input current
—
0.2
1
µAA
Video input impedance
500
—
—
K
Ω
A
Peak White Clip
PWCbit setto 1,see PWCsection.
SeeNote2
110
114
118
%
A
Video S/N
No sound modulation,100% white video
Using CCIR Rec.567 weighting filter
See Figure 4. See Note 2
50
53
—
dB
C
Unweighted. See Note 2
45
—
—
C
Differential Phase
CCIR Test Line 330, worst case from the
first 4 steps out of 5. See Note 2
–5
—
5
deg
C
Differential Gain
CCIR Test Line 330, worst case from the
first 4 steps out of 5. See Note 2
–5
—
5
%
C
Luma/Sync ratio
Input ratio 7.0:3.0
6.8/
3.2
—
7.2/
2.8
—B
PAL video modulation depth
See Figure 4. See Note 2
75
81
88
%
B
SECAM video modulation depth
MC44BC373C only - See Figure 4. See
Note 2
88
93
99
%
B
V ide o Sign a l t o Nois e
( w i t h C C I R W ei g h t i n g f i l t er )
48
50
52
54
56
58
471 521 571 621 671 721 771 821 871
Fr e q u e n c y ( M h z )
PA L V id e o M o du latio n De pt h
74
76
78
80
82
84
86
88
90
471 521 571 621 671 721 771 821 871
Fr e q u e n cy (M h z )
SEC A M V id e o M odulatio n De pth
86
88
90
92
94
96
98
100
471 521 571 621 671 721 771 821 871
Fr e que ncy ( M h z)
Typical
Typical
Typical
Minimum specification
Maximum specification
Maximum specification
Minimum specification
Minimum specification
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com