Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373CDR2 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC44BC373CDR2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373CDR2 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC44BC373CDR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
MC44BC373C/374C Technical Data
Modulator Description
13.5 Test Bit TB1
This test bit allows a different bus format.
•
TB1=0 — All MC44BC373C/4C Functions Available—Normal Mode.
•
TB1=1 — Limited Software Compatibility with MC443533. MC44BC373C/4C Functions Not
Available. TB1=1, allows a first evaluation of MC44BC373C/4C using software developed for
MC44353 devices.
13.6 Transient Output Inhibit
To minimize the risk of interference to other channels while the UHF PLL is acquiring a lock on the
desired frequency, the Sound and Video modulators are turned OFF during a time out period for each of
the following two cases:
•
Power-ON from zero (i.e., all Vcc is switched from 0 V to 5V ).
•
UHF oscillator power-ON from OFF state (i.e., OSC bit is switched from 1 to 0)
There is a time-out of 263ms until the output is enabled. This lets the UHF PLL settle to its programmed
frequency. During the 263ms time-out, the sound PLL current source is set to 10
µA typical to speed up the
locking time. After the 263ms time-out, the current source is switched to 1
µA. Use care when selecting
loop filter components, to ensure the loop transient does not exceed this delay.
For test purposes, it is possible to disable the 263ms delay using Test Mode1–State1.h (this is called speed
up mode).
13.7 UHF Oscillator—VHF range
The UHF oscillator is fully integrated and does not require any external components.
For low frequency testing or VHF range operation (test mode 1, states 1.b to 1.c), the UHF oscillator can
be internally divided by: 2, 4, 8, or 16.
WRITE MODE †
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACK
CA—CHIP ADDRESS
11001010
ACK
C1—High Order Bits
1
*
*
*
PS
*
*
SYSL
ACK
C0—Low Order Bits
*
*
*
SFD1
SFD0
1
0
0
ACK
FM—High Order Bits
0
TPEN
N11
N10
N9
N8
N7
N6
ACK
FL—Low Order Bits
N5
N4
N3
N2
N1
N0
*
*
ACK
† Case TB1=1 compatible with MC44353
•
All “
∗” are don’tcare bits.
•
PS bit replaces PSD2 bit in MC44353 bus format:
•
PS = 0 is for Picture-to-Sound ratio = 12dB
•
PS = 1 is for Picture-to-Sound ratio = 16dB
•
SFD1 and SFD0 bits have the same definition for both bus formats (MC44353 and MC44BC373C/4C) and
allows a select sound frequency between 4.5MHz, 5MHz, 5.5MHz, and 6.5MHz.
•
SYSL bit is the same definition for both bus formats (MC44353 and MC44BC373C/4C) and allows a select
system L or BG.
•
All MC44BC373C/4C functions are set to their default values.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com