Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373CDR2 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MC44BC373CDR2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373CDR2 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MC44BC373CDR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Modulator Description
MC44BC373C/374C Technical Data
13.8 PLL Section
The reference divider is a fixed divide-by-128, resulting in a reference frequency of 31.25 KHz with a
4.0 MHz crystal. The 31.25 KHz reference frequency is used for both UHF and Sound PLLs.
The prescaler is a fixed divide-by-8 and is permanently engaged.
The programmable divider division-ratio is controlled by the state of control bits N0 to N11.
The divider-ratio N for a desired frequency F (in MHz) is given by:
with:
Programming a division-ratio N=0 is not allowed.
13.9 Logic Output Port
The LOP pin is used to control any logic function. The primary applications are to control an external
attenuator or an external switch, between the antenna input and TV output.
A typical attenuator application with PIN diode is shown. The LOP pin is used to switch the PIN
attenuator depending on the signal strength of the Antenna Input, thereby reducing the risks of
Intermodulation in certain areas. The LOP may also be used as an OFF position bypass switch or for other
logic functions in the application.
Figure 6. Attenuator Application with PIN Diode
13.10 Video Section - Peak White Clip
The modulator requires the following:
•
A composite video input with negative going sync pulses
•
A nominal level of 1Vp-p
This signal is AC-coupled to the video input where the sync tip level is clamped.
The video signal is then passed to a Peak White Clip circuit. The PWC circuit function is to soft-clip the
top of the video waveform if the “sync tip amplitude” to “peak white clip” goes too high. This method
avoids carrier over-modulation by the video. Clipping can be disabled by software.
N
F
8
---
128
4
---------
×
=
N
2048
N11
×
1024
N10
×…… 4 N2
×
2
N1
×
N0
++
+
+
+
=
LOP pin
Vcc
TV Out
Antenna
Input
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com