Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373CDR2 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MC44BC373CDR2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373CDR2 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MC44BC373CDR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MC44BC373C/374C Technical Data
Characterization Measurement Conditions
Out of Band Spurious
No Video signal
No Audio signal
Measure in dBuV spurious levels at 0.25, 0.5, 0.75 and 1.5 times
channel frequency, resulting in the following spectrum
Measure from 40Mhz to 1Ghz
.
In Band Spurious
No Video signal
No Audio signal
Measure in dBc, in reference to picture carrier (TVout_Ref), spurious
levels falling into video bandwidth Fo+/-5Mhz.
Video Bandwidth
No audio
Video: 600mVpk-pk sinusoidal signal
inserted on the black level of active video
area.
The Video signal is demodulated on the spectrum analyzer, and the
peak level of the 100Khz signal is measured as a reference. The
frequency is then swept from 100Khz to 5Mhz, and then the difference in
dBc from the 100Khz reference level is measured.
Peak White Clip
No Audio signal.
Video: 10stepgreyscale
The video modulation depth is measured for 1.0VCVBS input level,
giving modulation depth MDA. Then the same measurement is carried
out for an input level of 1.4VCVBC, giving modulation depth MDB.
The Peak White Clip is defined as 100*MDB/MDA.
Weighted Video Signal to Noise
Video: 100% White video signal - 1Vpk-pk.
No Audio signal
This is measured using a Rohde &
Schwarz AMFS UHF Demodulator in B/G
(using a CCIR Rec. 567 weighting
network, 100kHz to 5MHz band with sound
trap and envelope detection, and a Rohde
& Schwarz UAF Video Analyzer.
The Video Analyzer measures the ratio between the amplitude of the
active area of the video signal (700mV) and the noise level in Vrms on a
video black level which is show below.
VideoS/N is calculated as 20 x log(700 /N) in dB
Unweighted Video Signal to Noise
Same as above with CCIR filter disabled.
Same as above.
Video Differential Phase
Video: 5 step Grey Scale- 1Vpk-pk.
No Audio signal
This is measured using a Rohde &
Schwarz AMFS UHF Demodulator in B/G
(using a CCIR Rec. 567 weighting
network, 100kHz to 5MHz band with sound
trap, and envelope detection, and a Rohde
& Schwarz UAF Video Analyzer.
On line CCIR 330, the video analyzer DP measure consists of
calculating the difference of the Chroma phase at the black level and the
different chroma subcarrier phase angles at each step of the greyscale.
The largest positive or negative difference indicates the distortion.
The video analyzer method takes the worst step from the first 4 steps.
Device and Signals Set-up
Measurement Set-up
Picture carrier
Fo*3/2
Fo/2
Fo/4
Fo*3/4
Fo
Spurious
N
noise level in Vrms
DIFF PHASE =
* 100%
the phase at position 0
the largest positive or negative difference
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com