Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373CDR2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC44BC373CDR2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373CDR2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC44BC373CDR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MC44BC373C/374C Technical Data
Maximum Ratings
3 Maximum Ratings
4 Thermal Rating
5 Electrostatic Discharge
Electrostatic Discharge ( ESD ) tests are done on all pins.
Sym
Parameter
Value
Unit
Rthja
Thermal resistance from Junction to Ambient
140
°C/W
Sym
Parameter
Min
Typ
Unit
ESD
MM (Machine Model) - MIL STD 883C method 3015-7
200
500
V
ESD
HBM (Human Body Model) - MIL STD 883C method 3015-7
4000
6000
V
Sym
Parameter
Value Unit
Vcc
Supply voltage
6
V
Tamin
Minimum operating ambient temperature
–20
oC
Tamax
Maximum operating ambient temperature
85
oC
Tstgmin
Minimum storage temperature
–65
oC
Tstgmax Maximum storage temperature
150
oC
Tj
Junction Temperature
150
°C
This device contains protection circuitry to guard
against damage due to high static voltage or electric
fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated
voltages to this high impedance circuit. For proper
operation, input and output voltages should be
constrained to the ranges indicated in the
Recommended Operating Conditions.
Maximum ratings are those values beyond which damage to the device may occur. For functional
operation, values should be restricted to the Recommended Operating Condition.
Meets Moisture Sensitivity Level 1, no dry pack required
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com