Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373CDR2 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MC44BC373CDR2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373CDR2 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MC44BC373CDR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BC373CDR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MC44BC373C/374C Technical Data
Characterization Measurement Conditions
12 Characterization Measurement Conditions
Device default configuration unless otherwise specified:
•
Peak White Clip enable
•
UHF oscillator ON
•
Sound and video modulators ON
•
Sound subcarrier frequency = 5.5Mhz
•
TB1 bit set to ‘0’ (bus format not compatible with MC44353)
•
Sound Oscillator ON
•
Logic Output Port LOW
•
Picture-to-sound carrier ratio = 12dB
•
System L disabled
•
Test pattern disabled
•
All test mode bits are ‘0’
•
Frequency from channel 21 to 69
RF Inputs / Output into 75ohm Load using a 75 to 50 ohm transformation. Video Input 1V pk-pk.
Audio pre-emphasis circuit engaged.
Device and Signals Set-up
Measurement Set-up
TVOUT output level
Video: 10 steps grey scale
No audio
Measured picture carrier in dBuV with the HP8596E Spectrum Analyzer
using a 75 to 50 ohm transformation, all cables losses and
transformation pads having been calibrated.
Measurement used as a reference for other tests: TVout_Ref
TVOUT output attenuation
“ATT” bit = 1
No Video signal
No Audio signal
Measure in dBc picture carrier at “ATT”=”1” with reference to picture
carrier at “ATT”=”0”.
Sound Subcarrier Harmonics
Video: 10 steps grey scale
No Audio signal
Measure in dBc second and third sound harmonics levels in reference to
picture carrier (TVout_Ref).
Picture carrier
Sound carrier
Sound
+5.5Mhz
Fo
+11Mhz +16.5Mhz
2nd harm
Sound
3rd harm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com